Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JRR200-ROUTE-REFLECTOR Datasheet(PDF) 2 Page - Juniper Networks, Inc.

Part # JRR200-ROUTE-REFLECTOR
Description  JRR200 ROUTE REFLECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

JRR200-ROUTE-REFLECTOR Datasheet(HTML) 2 Page - Juniper Networks, Inc.

  JRR200-ROUTE-REFLECTOR Datasheet HTML 1Page - Juniper Networks, Inc. JRR200-ROUTE-REFLECTOR Datasheet HTML 2Page - Juniper Networks, Inc. JRR200-ROUTE-REFLECTOR Datasheet HTML 3Page - Juniper Networks, Inc. JRR200-ROUTE-REFLECTOR Datasheet HTML 4Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
JRR200 Route Reflector
Architecture and Key Components
Junos Operating System
Junos OS is a reliable, high-performance, modular network
operating system that is supported across all of Juniper’s
physical and virtual routing, switching, and security platforms,
reducing the cost, complexity, and resources required to
implement and maintain a Juniper-based network. With
secure programming interfaces, the Juniper Extension Toolkit
(JET), versatile scripting support, and integration with popular
orchestration frameworks, Junos OS offers flexible options for
continuous delivery and DevOps-style management, helping
service providers unlock more value from the network.
For more details on Junos OS, please visit
www.juniper.net/us/
en/products-services/nos/junos/.
Junos Routing Engine
By leveraging Junos OS, the JRR200 Appliance inherits all of
the native Junos OS features found across the Juniper routing,
switching, and security portfolio:
• BGP add-path enhancement provides a selective approach
to add-path for prefixes. Routing information base (RIB)
table sizes are reduced with policy-based selections
enabled for selected prefixes. Multiple paths to a
destination can be advertised, and communities allow add
paths tagged only for a specific community.
• Large BGP communities enable peering with new emerging
operators by supporting 4-byte AS numbers (RFC 6793).
Applying policies to large communities gives operators the
ability to effectively expand and govern their peering.
• Adaptive BGP update compression speeds BGP
convergence on large peer groups and multi-CP setups. By
adaptively sensing high CPU and I/O conditions, BGP data
volumes can be reduced by up to 80%.
• Optimal route reflection offers a way to advertise the
best path from a client view instead of the route reflector
perspective. Built on a client group implementation, it
offers effective scale without having to create more RIB
(also known as routing table) copies.
• Routing protocol process (rpd) provides the flexibility
required to write new protocols and integrate rpd with
SDN controllers. These networks support more options to
deploy services over large BGP-based networks, support
multivendor environments, and rapidly deploy customized
routing solutions.
Features and Benefits
The JRR200 brings simplicity, scalability, and reliability to the
management of demanding, high-growth BGP networks—all in a
compact form factor.
Operational Simplicity
By combining the leading software for VRR functionality on
a form factor optimized for space and power, the JRR200
eliminates the complexities of dealing with service hardware,
hypervisor software, and installation. All issues are handled
through a single source—the Juniper Networks Technical
Assistance Center (JTAC)—and the application comes pre-
installed to improve time to service delivery with ZTP.
Seamless Scalability
The JRR200 provides highly scalable environments with dense
8x10GbE port capacity and high throughput port connectivity.
Routing tables up to 50 million routing RIBs are also supported.
Ultimate Reliability
The JRR200 features dual redundant power supplies to ensure
reliability. The appliance also provides optimal power efficiency,
reducing power footprint with no sacrifice to scale or features.
Applications and Use Cases
The JRR200 offers tremendous flexibility, supporting multiple
use cases across network-based, cloud-based, and Clos fabric
designs.
Network-Based Route Reflector Design
JRR200 users can rapidly deploy a pre-integrated route
reflector that scales to meet the most demanding BGP network
requirements. Using advanced features, the best routes are
provided and services that run across the networks will ensure
the best possible customer experiences.
JRR200
Client 3
iBGP
iBGP
iBGP
Client 1
Client 2
Client n
Figure 2: Network-based route reflector design



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com