Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F280045PMSR Datasheet(PDF) 21 Page - Texas Instruments

Part # F280045PMSR
Description  TMS320F28004x Real-Time Microcontrollers
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

F280045PMSR Datasheet(HTML) 21 Page - Texas Instruments

Back Button F280045PMSR Datasheet HTML 17Page - Texas Instruments F280045PMSR Datasheet HTML 18Page - Texas Instruments F280045PMSR Datasheet HTML 19Page - Texas Instruments F280045PMSR Datasheet HTML 20Page - Texas Instruments F280045PMSR Datasheet HTML 21Page - Texas Instruments F280045PMSR Datasheet HTML 22Page - Texas Instruments F280045PMSR Datasheet HTML 23Page - Texas Instruments F280045PMSR Datasheet HTML 24Page - Texas Instruments F280045PMSR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 271 page
background image
Table 6-1. Pin Attributes (continued)
SIGNAL NAME
MUX
POSITION
100 PZ
64
PMQ
64 PM
56
RSH
PIN
TYPE
DESCRIPTION
GPIO8
0, 4, 8, 12
74
47
47
42
I/O
General-Purpose Input Output 8
EPWM5_A
1
O
ePWM-5 Output A
CANB_TX
2
O
CAN-B Transmit
ADCSOCAO
3
O
ADC Start of Conversion A Output for External ADC (from
ePWM modules)
EQEP1_STROBE
5
I/O
eQEP-1 Strobe
SCIA_TX
6
O
SCI-A Transmit Data
SPIA_SIMO
7
I/O
SPI-A Slave In, Master Out (SIMO)
I2CA_SCL
9
I/OD
I2C-A Open-Drain Bidirectional Clock
FSITXA_D1
10
O
FSITX-A Optional Additional Data Output
GPIO9
0, 4, 8, 12
90
62
62
56
I/O
General-Purpose Input Output 9
EPWM5_B
1
O
ePWM-5 Output B
SCIB_TX
2
O
SCI-B Transmit Data
OUTPUTXBAR6
3
O
Output X-BAR Output 6
EQEP1_INDEX
5
I/O
eQEP-1 Index
SCIA_RX
6
I
SCI-A Receive Data
SPIA_CLK
7
I/O
SPI-A Clock
FSITXA_D0
10
O
FSITX-A Primary Data Output
GPIO10
0, 4, 8, 12
93
63
63
I/O
General-Purpose Input Output 10
EPWM6_A
1
O
ePWM-6 Output A
CANB_RX
2
I
CAN-B Receive
ADCSOCBO
3
O
ADC Start of Conversion B Output for External ADC (from
ePWM modules)
EQEP1_A
5
I
eQEP-1 Input A
SCIB_TX
6
O
SCI-B Transmit Data
SPIA_SOMI
7
I/O
SPI-A Slave Out, Master In (SOMI)
I2CA_SDA
9
I/OD
I2C-A Open-Drain Bidirectional Data
FSITXA_CLK
10
O
FSITX-A Output Clock
GPIO11
0, 4, 8, 12
52
31
31
28
I/O
General-Purpose Input Output 11
EPWM6_B
1
O
ePWM-6 Output B
SCIB_RX
2, 6
I
SCI-B Receive Data
OUTPUTXBAR7
3
O
Output X-BAR Output 7
EQEP1_B
5
I
eQEP-1 Input B
SPIA_STE
7
I/O
SPI-A Slave Transmit Enable (STE)
FSIRXA_D1
9
I
FSIRX-A Optional Additional Data Input
GPIO12
0, 4, 8, 12
51
30
27
I/O
General-Purpose Input Output 12
EPWM7_A
1
O
ePWM-7 Output A
CANB_TX
2
O
CAN-B Transmit
EQEP1_STROBE
5
I/O
eQEP-1 Strobe
SCIB_TX
6
O
SCI-B Transmit Data
PMBUSA_CTL
7
I
PMBus-A Control Signal
FSIRXA_D0
9
I
FSIRX-A Primary Data Input
www.ti.com
TMS320F280049C-Q1, TMS320F280048C-Q1, TMS320F280041C-Q1, TMS320F280040C-Q1
TMS320F280049C, TMS320F280041C, TMS320F280049-Q1, TMS320F280048-Q1
TMS320F280041-Q1, TMS320F280040-Q1, TMS320F280049, TMS320F280045, TMS320F280041
SPRS945G – JANUARY 2017 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMS320F280049C-Q1 TMS320F280048C-Q1 TMS320F280041C-Q1
TMS320F280040C-Q1 TMS320F280049C TMS320F280041C TMS320F280049-Q1 TMS320F280048-Q1
TMS320F280041-Q1 TMS320F280040-Q1 TMS320F280049 TMS320F280045 TMS320F280041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com