Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F280045PMSR Datasheet(PDF) 39 Page - Texas Instruments

Part # F280045PMSR
Description  TMS320F28004x Real-Time Microcontrollers
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

F280045PMSR Datasheet(HTML) 39 Page - Texas Instruments

Back Button F280045PMSR Datasheet HTML 35Page - Texas Instruments F280045PMSR Datasheet HTML 36Page - Texas Instruments F280045PMSR Datasheet HTML 37Page - Texas Instruments F280045PMSR Datasheet HTML 38Page - Texas Instruments F280045PMSR Datasheet HTML 39Page - Texas Instruments F280045PMSR Datasheet HTML 40Page - Texas Instruments F280045PMSR Datasheet HTML 41Page - Texas Instruments F280045PMSR Datasheet HTML 42Page - Texas Instruments F280045PMSR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 271 page
background image
Table 6-3. Digital Signals (continued)
SIGNAL NAME
DESCRIPTION
PIN
TYPE
GPIO
100 PZ 64 PMQ 64 PM 56 RSH
SD1_D4
SDFM-1 Channel 4 Data Input
I
22, 30,
58
67, 83,
98
56
56
51
SPIA_CLK
SPI-A Clock
I/O
18, 3,
56, 9
65, 68,
76, 90
41, 49,
62
41, 49,
62
38, 44,
56
SPIA_SIMO
SPI-A Slave In, Master Out (SIMO)
I/O
16, 8
54, 74
33, 47
33, 47
30, 42
SPIA_SOMI
SPI-A Slave Out, Master In (SOMI)
I/O
10, 17
55, 93
34, 63
34, 63
31
SPIA_STE
SPI-A Slave Transmit Enable (STE)
I/O
11, 5,
57
52, 66,
89
31, 61
31, 61
28, 55
SPIB_CLK
SPI-B Clock
I/O
14, 22,
26, 28,
32, 58
1, 58,
64, 67,
83, 96
2, 40,
56
2, 40,
56
3, 37,
51
SPIB_SIMO
SPI-B Slave In, Master Out (SIMO)
I/O
24, 30,
56, 7
56, 65,
84, 98
35, 57
35, 57
32, 52
SPIB_SOMI
SPI-B Slave Out, Master In (SOMI)
I/O
25, 31,
57, 6
57, 66,
97, 99
64
64
1
SPIB_STE
SPI-B Slave Transmit Enable (STE)
I/O
15, 27,
29, 33,
59
100, 53,
59, 92,
95
1, 32
1, 32
2, 29
SYNCOUT
External ePWM Synchronization Pulse
O
6
97
64
64
1
TDI
JTAG Test Data Input (TDI) - TDI is the default
mux selection for the pin. The internal pullup is
disabled by default. The internal pullup should
be enabled or an external pullup added on the
board if this pin is used as JTAG TDI to avoid a
floating input.
I
35
63
39
39
36
TDO
JTAG Test Data Output (TDO) - TDO is the
default mux selection for the pin. The internal
pullup is disabled by default. The TDO function
will be in a tri-state condition when there
is no JTAG activity, leaving this pin floating;
the internal pullup should be enabled or an
external pullup added on the board to avoid a
floating GPIO input.
O
37
61
37
37
34
VFBSW
Internal DC-DC regulator feedback signal. If
the internal DC-DC regulator is used, tie this
pin to the node where L(VSW) connects to the
VDD rail (as close as possible to the device).
-
22
83
56
56
51
VSW
Switching output of the internal DC-DC
regulator
-
23
81
54
54
49
X2
Crystal oscillator output
I/O
18
68
41
41
38
XCLKOUT
External Clock Output. This pin outputs a
divided-down version of a chosen clock signal
from within the device.
O
16, 18
54, 68
33, 41
33, 41
30, 38
www.ti.com
TMS320F280049C-Q1, TMS320F280048C-Q1, TMS320F280041C-Q1, TMS320F280040C-Q1
TMS320F280049C, TMS320F280041C, TMS320F280049-Q1, TMS320F280048-Q1
TMS320F280041-Q1, TMS320F280040-Q1, TMS320F280049, TMS320F280045, TMS320F280041
SPRS945G – JANUARY 2017 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMS320F280049C-Q1 TMS320F280048C-Q1 TMS320F280041C-Q1
TMS320F280040C-Q1 TMS320F280049C TMS320F280041C TMS320F280049-Q1 TMS320F280048-Q1
TMS320F280041-Q1 TMS320F280040-Q1 TMS320F280049 TMS320F280045 TMS320F280041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com