Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K30RLBT2RHT Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # K30RLBT2RHT
Description  EZ-LIGHT® Touch Gen 2 K30 Series Illuminated Buttons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K30RLBT2RHT Datasheet(HTML) 1 Page - Banner Engineering Corp.

  K30RLBT2RHT Datasheet HTML 1Page - Banner Engineering Corp. K30RLBT2RHT Datasheet HTML 2Page - Banner Engineering Corp. K30RLBT2RHT Datasheet HTML 3Page - Banner Engineering Corp. K30RLBT2RHT Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet
Lighted Touch Button with Bipolar Outputs
• Excellent immunity to false triggering by water spray, detergents, oils, and other foreign materials
• Rugged, cost-effective, and easy-to-install touch button with multicolor light
• Latching versions start up not activated and toggle between activated and not activated on
successive touches
• Waterproof IP69K per DIN 40050-9 construction for washdown environments
• Ergonomically designed to eliminate hand, wrist, and arm stresses associated with repeated switch
operation; requires no physical force to operate
• Can be actuated with bare hands or gloves
• 12 V DC to 30 V DC operation
• Five color options available
• Terminal connection models available for panel wiring applications
Models
Family
K30
G = Green
Blank = Momentary
R = Red
Y = Yellow
B = Blue
H = Power activates Color 1. Touch
changes bipolar output state
and activates Color 2.
W = White
X = Not Used
G
R
L
H
Color 1
Not Activated
Color 2
Activated
Output
Function
Function
A = Normally Open
A
Blank = 2 m Integral Cable
Q = Integral 5-pin M12 Quick
Disconnect (QD) *
QP = 150 mm (5.9 in) cable with
5-pin M12 Quick
Disconnect (QD) *
T = Terminal Screws
Q
Connection
* QD model requires mating cordset
T2 = Touch
T2
Activation
Method
Output
State
R = Normally Closed
L = Latching
B = Bipolar Output
(NPN & PNP)
B
Output
Type
Sample Model
Description
K30ALBT2GRH
Normally open output state, latching output function with bipolar output and two touch activation method. Color 1: Green (not activated), Color 2: Red
(activated). Power activates color 1. Touch changes bipolar output state and activates color 2. Two-meter integral cable connection.
K30ABT2XGHT
Normally open output state, momentary output function with bipolar output. Color 1: None, Color 2: Green (activated). Touch changes bipolar output state and
activates color 2. Terminal screws.
K30RBT2RGHQ
Normally closed output state, momentary output function with bipolar output. Color 1: Red (not activated), Color 2: Green (activated). Touch changes bipolar
output state and activates color 2. Integral 5-pin M12 quick disconnect connection.
Wiring Diagrams
Load
Load
3
1
2
4
5
12-30V dc
Not Used
–
+
Color Key
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
Note: Cabled wiring diagrams are shown. Quick disconnect wiring diagrams are functionally identical.
EZ-LIGHT® Touch Gen 2 K30 Series Illuminated
Buttons
Original Document
189826 Rev. F
30 April 2021
189826


Similar Part No. - K30RLBT2RHT

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
K30RLBT2FGGHQP BANNER-K30RLBT2FGGHQP Datasheet
326Kb / 4P
EZ-LIGHT짰 Touch Gen 2 K30 FDA-Grade Illuminated Buttons
K30RLBT2FRGHQP BANNER-K30RLBT2FRGHQP Datasheet
326Kb / 4P
EZ-LIGHT짰 Touch Gen 2 K30 FDA-Grade Illuminated Buttons
K30RLBT2FXGHQP BANNER-K30RLBT2FXGHQP Datasheet
326Kb / 4P
EZ-LIGHT짰 Touch Gen 2 K30 FDA-Grade Illuminated Buttons
More results

Similar Description - K30RLBT2RHT

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
K30 BANNER-K30 Datasheet
459Kb / 5P
EZ-LIGHT® Touch Gen 2 K30 FDA-Grade Series Illuminated Multipurpose Buttons
K30 BANNER-K30_V01 Datasheet
449Kb / 5P
EZ-LIGHT짰 Touch Gen 2 K30 Series Illuminated Multipurpose Buttons
K30 BANNER-K30_V02 Datasheet
389Kb / 4P
EZ-LIGHT짰 Touch Gen 2 K30 Series Illuminated Buttons
K30 BANNER-K30_V03 Datasheet
376Kb / 4P
EZ-LIGHT짰 Touch Gen 2 K30 Series Pick-to-Light
K30 BANNER-K30_V04 Datasheet
317Kb / 4P
EZ-LIGHT짰 Touch K30 Series Illuminated Multipurpose Buttons
K30 BANNER-K30_V05 Datasheet
337Kb / 4P
EZ-LIGHT짰 Touch K30 Series Illuminated Buttons
K30 BANNER-K30_V08 Datasheet
325Kb / 4P
EZ-LIGHT짰 Touch Gen 2 K30 FDA-Grade Pick-to-Light
K30 BANNER-K30_V09 Datasheet
326Kb / 4P
EZ-LIGHT짰 Touch Gen 2 K30 FDA-Grade Illuminated Buttons
K70 BANNER-K70_V02 Datasheet
335Kb / 5P
EZ-LIGHT짰 Touch K70 Series Illuminated Multipurpose Buttons
K70 BANNER-K70_V03 Datasheet
346Kb / 5P
EZ-LIGHT짰 Touch K70 Series Illuminated Buttons
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com