Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K30RLBT2RHT Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # K30RLBT2RHT
Description  EZ-LIGHT® Touch Gen 2 K30 Series Illuminated Buttons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K30RLBT2RHT Datasheet(HTML) 3 Page - Banner Engineering Corp.

  K30RLBT2RHT Datasheet HTML 1Page - Banner Engineering Corp. K30RLBT2RHT Datasheet HTML 2Page - Banner Engineering Corp. K30RLBT2RHT Datasheet HTML 3Page - Banner Engineering Corp. K30RLBT2RHT Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Accessories
Cordsets
5-Pin Threaded M12 Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC1-501.5
0.5 m (1.5 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC1-506
2 m (6.5 ft)
MQDC1-515
5 m (16.4 ft)
MQDC1-530
9 m (29.5 ft)
MQDC1-506RA
2 m (6.5 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC1-515RA
5 m (16.4 ft)
MQDC1-530RA
9 m (29.5 ft)
5-Pin Threaded M12 Stainless Steel Washdown Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-WDSS-0506
2 m (6.56 ft)
Straight
43.5 mm
Ø4.8 mm
Ø15.5 mm
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC-WDSS-0515
5 m (16.4 ft)
MQDC-WDSS-0530
9 m (29.5 ft)
5-Pin Threaded M12 Washdown Cordsets with Shield—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDCWD-506
2 m (6.56 ft)
Straight
42 Typ.
[1.65"]
ø 15.0
[0.57"]
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDCWD-530
9 m (29.5 ft)
Brackets
SMB22A
•
Right-angle bracket with curved slot for versatile
orientation
•
12-ga. stainless steel
•
Mounting hole for 22 mm sensor
32
41
46
A
B
C
Hole center spacing: A to B = 26.0
Hole size: A = ø 4.6, B = 4.6 x 16.9, C = 22.2
SMB22FVK
•
V-clamp, flat bracket and fasteners for
mounting to pipe or extensions
•
Clamp accommodates 28 mm diameter tubing
or 1 in. square extrusions
•
22 mm hole for mounting sensor
46
118
34
A
ø22.5
Hole size: A = ø 22.5
EZ-LIGHT® Touch Gen 2 K30 Series Illuminated Buttons
P/N 189826 Rev. F
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com