Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4988D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4988D
Description  Automotive low drop voltage regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4988D Datasheet(HTML) 1 Page - STMicroelectronics

  L4988D Datasheet HTML 1Page - STMicroelectronics L4988D Datasheet HTML 2Page - STMicroelectronics L4988D Datasheet HTML 3Page - STMicroelectronics L4988D Datasheet HTML 4Page - STMicroelectronics L4988D Datasheet HTML 5Page - STMicroelectronics L4988D Datasheet HTML 6Page - STMicroelectronics L4988D Datasheet HTML 7Page - STMicroelectronics L4988D Datasheet HTML 8Page - STMicroelectronics L4988D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
This is information on a product in full production.
September 2018
DS5334 Rev 8
1/32
L4988
Automotive low drop voltage regulator
Datasheet
- production data
Features
 AEC-Q100 qualified
 Operating DC supply voltage
range 5.6 V to 31 V
 Reset circuit sensing the output voltage down
to 1V
 Programmable reset pulse delay with external
capacitor
 Watchdog
 Programmable watchdog timer with external
capacitor
 Enable input for enabling/disabling the
watchdog functionality
 Thermal shutdown and short circuit protection
 Wide temperature range (Tj = -40°C to 150°C)
Description
The L4988 is a monolithic integrated 5V voltage
regulator with a low drop voltage at currents up to
200mA. The output voltage regulating element
consists in a p-channel MOS and the regulation is
performed regardless of input voltage transients
up to 40V. The high precision of the output
voltage is obtained with a pre-trimmed reference
voltage. The L4988 is protected against short
circuit and an over-temperature protection
switches off the device in case of extremely high
power dissipation. The L4988 is active when the
Enable is high. State of the art features like reset
and watchdog make this device particularly
suitable to supply microprocessor systems in
automotive applications.
Max DC supply voltage
VS
40V
Max output voltage tolerance
∆Vo
+/-2%
Max dropout voltage
Vdp
500 mV
Output current
Io
200 mA
Quiescent current
Iqn
75 µA(1)
1.
Typical value with watchdog disabled.
SO-8
SO-20
Table 1.
Device summary
Package
Order codes
Tube
Tape & reel
SO8
L4988D
L4988DTR
SO20 (16+2+2)
L4988MD
www.st.com


Similar Part No. - L4988D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4988D STMICROELECTRONICS-L4988D Datasheet
969Kb / 32P
Low drop voltage regulator
20-Sep-2013
L4988D STMICROELECTRONICS-L4988D Datasheet
1Mb / 22P
for car body applications
Oct-2013
L4988DTR STMICROELECTRONICS-L4988DTR Datasheet
969Kb / 32P
Low drop voltage regulator
20-Sep-2013
More results

Similar Description - L4988D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
Low-Drop Voltage Regulator
Version 2.2 2000-10-11
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
LOW-DROP VOLTAGE REGULATOR
Jun-1992
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
IK Semicon Co., Ltd
IK8102 IKSEMICON-IK8102 Datasheet
181Kb / 6P
Low Drop Regulator for Automotive
logo
Infineon Technologies A...
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
logo
STMicroelectronics
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
Low drop voltage regulator
19-Sep-2013
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com