Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4988D Datasheet(PDF) 22 Page - STMicroelectronics

Part # L4988D
Description  Automotive low drop voltage regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4988D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L4988D Datasheet HTML 18Page - STMicroelectronics L4988D Datasheet HTML 19Page - STMicroelectronics L4988D Datasheet HTML 20Page - STMicroelectronics L4988D Datasheet HTML 21Page - STMicroelectronics L4988D Datasheet HTML 22Page - STMicroelectronics L4988D Datasheet HTML 23Page - STMicroelectronics L4988D Datasheet HTML 24Page - STMicroelectronics L4988D Datasheet HTML 25Page - STMicroelectronics L4988D Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Package and PCB thermal data
L4988
22/32
DS5334 Rev 8
4.2
SO-20 thermal data
Figure 32.SO-20 PC board
Note:
Layout condition of Rth and Zth measurements (PCB FR4 area= 58mm x 58mm,PCB
thickness = 2mm, Cu thickness=35
m , Copper areas: from minimum pad lay-out to 8cm2).
Figure 33.SO-20 Rthj-amb Vs. PCB copper area in open box free air condition
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com