Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5300AH7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5300AH7
Description  Automotive 5 V low drop voltage regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5300AH7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5300AH7 Datasheet HTML 3Page - STMicroelectronics L5300AH7 Datasheet HTML 4Page - STMicroelectronics L5300AH7 Datasheet HTML 5Page - STMicroelectronics L5300AH7 Datasheet HTML 6Page - STMicroelectronics L5300AH7 Datasheet HTML 7Page - STMicroelectronics L5300AH7 Datasheet HTML 8Page - STMicroelectronics L5300AH7 Datasheet HTML 9Page - STMicroelectronics L5300AH7 Datasheet HTML 10Page - STMicroelectronics L5300AH7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DS6143 Rev 13
7/24
L5300AH7
Electrical specifications
23
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 3: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
2.2
Thermal data
m
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vsdc
DC supply voltage
-0.3 to 40
V
Isdc
Input current
Internally limited
Vodc
DC output voltage
-0.3 to 6
V
Iodc
DC output current
Internally limited
Vod Res
Open drain output voltage Res
-0.3 to VVodc + 0.3
V
Iod Res
Open drain output current Res
Internally limited
Vcr
Vcr voltage
-0.3 to VVo + 0.3
V
VEn
Enable input
-0.3 to 40
V
Tj
Junction temperature
-40 to 150
°C
VESD HBM
ESD HBM voltage level (HBM-MIL STD 883C)
+/- 2
kV
VESD CDM
ESD CDM voltage level (CDM AEC-Q100-011)
+/- 750
V
Table 4. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction to case
4.8
°C/W
Rthj-amb
Thermal resistance junction to ambient
45(1)
1.
The values quoted are for PCB 77 mm x 86 mm x 1.6 mm, FR4, double layer with thermal vias (one copper
heatsink layer, thickness 0.070 mm, area 8 cm2).
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com