Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5300AH7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5300AH7
Description  Automotive 5 V low drop voltage regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5300AH7 Datasheet(HTML) 1 Page - STMicroelectronics

  L5300AH7 Datasheet HTML 1Page - STMicroelectronics L5300AH7 Datasheet HTML 2Page - STMicroelectronics L5300AH7 Datasheet HTML 3Page - STMicroelectronics L5300AH7 Datasheet HTML 4Page - STMicroelectronics L5300AH7 Datasheet HTML 5Page - STMicroelectronics L5300AH7 Datasheet HTML 6Page - STMicroelectronics L5300AH7 Datasheet HTML 7Page - STMicroelectronics L5300AH7 Datasheet HTML 8Page - STMicroelectronics L5300AH7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is information on a product in full production.
September 2018
DS6143 Rev 13
1/24
L5300AH7
Automotive 5 V low drop voltage regulator
Datasheet
- production data
Features
 AEC-Q100 qualified
 Operating DC supply voltage
range 5.6 V to 40 V
 Low dropout voltage
 300 mA current capability
 Low quiescent current
 Very low consumption mode
 Precision output voltage 5 V +/-2%
 Reset circuit sensing the output voltage
 Programmable reset pulse delay with external
capacitor
 Thermal shutdown and short circuit protection
 Wide temperature range (Tj = -40°C to 150°C)
 Enable input for enabling / disabling the voltage
regulator
Description
L5300AH7 is a low dropout linear regulator with
microprocessor control functions such as power
on reset, low voltage reset, ON/OFF control. In
addition, only low value ceramic capacitor is
required for stability (above or equal 220 nF).
Typical quiescent current is 60 µA at output
current equal to 0 and enable high. It drops to
10 µA in “not enabled” mode.
On chip trimming results in high output voltage
accuracy (+/-2%). Accuracy is kept over wide
temperature range, line and load variation.
The maximum input voltage is 40 V. The max
output current is internally limited. Internal
temperature protection disables the voltage
regulator output.
Max DC supply voltage
Vs
40 V
Max output voltage tolerance
V
0
+/-2 %
Max dropout voltage
Vdp
500 mV
Output current
I0
300 mA
Quiescent current
Iqn
5 µA(1)
55 µA(2)
1.
Typical value with regulator disabled
2.
Typical value with regulator enabled
HPAK
GA P GC FT001 35
Table 1. Device summary
Package
Order codes
Tube
Tape and reel
HPAK
L5300AH7
L5300AH7TR
www.st.com


Similar Part No. - L5300AH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5300AH7 STMICROELECTRONICS-L5300AH7 Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - L5300AH7

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com