Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5150CSTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L5150CSTR
Description  Automotive 5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CSTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L5150CSTR Datasheet HTML 12Page - STMicroelectronics L5150CSTR Datasheet HTML 13Page - STMicroelectronics L5150CSTR Datasheet HTML 14Page - STMicroelectronics L5150CSTR Datasheet HTML 15Page - STMicroelectronics L5150CSTR Datasheet HTML 16Page - STMicroelectronics L5150CSTR Datasheet HTML 17Page - STMicroelectronics L5150CSTR Datasheet HTML 18Page - STMicroelectronics L5150CSTR Datasheet HTML 19Page - STMicroelectronics L5150CSTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Application information
L5150CJ, L5150CS
16/34
DS6184 Rev 18
3.2
Reset
The reset circuit monitors the output voltage Vo. If the output voltage becomes lower than
Vo_th then Res goes low with a delay time (trr). When the output voltage becomes higher
than Vo_th then Res goes high with a delay time trd. This delay is obtained by 32 periods of
oscillator. The oscillator period is given by:
Equation 1
Tosc = [(VRhth - VRlth) x Ctr] / Icr + [(VRhth - VRlth) x Ctr] / Idr
where:
Icr = 20 µA is an internally generated charge current,
Idr = 20 µA is an internally generated discharge current,
VRhth = 2.5 V (typ) and VRlth = 0.9 V (typ) are two voltage thresholds,
Ctr is an external capacitor put between Vcr pin and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com