Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5150CSTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L5150CSTR
Description  Automotive 5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CSTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L5150CSTR Datasheet HTML 25Page - STMicroelectronics L5150CSTR Datasheet HTML 26Page - STMicroelectronics L5150CSTR Datasheet HTML 27Page - STMicroelectronics L5150CSTR Datasheet HTML 28Page - STMicroelectronics L5150CSTR Datasheet HTML 29Page - STMicroelectronics L5150CSTR Datasheet HTML 30Page - STMicroelectronics L5150CSTR Datasheet HTML 31Page - STMicroelectronics L5150CSTR Datasheet HTML 32Page - STMicroelectronics L5150CSTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
DS6184 Rev 18
29/34
L5150CJ, L5150CS
Package information
33
5.3
PowerSSO-12 packing information
Figure 36. PowerSSO-12 tube shipment (no suffix)
Figure 37. PowerSSO-12 tape and reel shipment (suffix “TR”)
B
A
C
All dimensions are in mm.
Base q.ty
100
Bulk q.ty
2000
Tube length (± 0.5)
532
A1
.85
B6
.75
C (± 0.1)
0.6
GAPGPS01364
Base q.ty
2500
Bulk q.ty
2500
A (max)
330
B (min)
1.5
C (± 0.2)
13
F
20.2
G (+ 2 / -0)
12.4
N (min)
60
T (max)
18.4
Reel dimensions
Tape dimensions
According to Electronic Industries Association
(EIA) Standard 481 rev. A, Feb. 1986
All dimensions are in mm.
Tape width
W
12
Tape hole spacing
P0 (± 0.1)
4
Component spacing
P
8
Hole diameter
D (± 0.05)
1.5
Hole diameter
D1 (min)
1.5
Hole position
F (± 0.1)
5.5
Compartment depth
K (max)
4.5
Hole spacing
P1 (± 0.1)
2
Top
cover
tape
End
Start
No components
No components
Components
500mm min
500mm min
Empty components pockets
saled with cover tape.
User direction of feed
GAPGPS01365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com