Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5959 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5959
Description  Multifunction voltage regulator for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5959 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5959 Datasheet HTML 6Page - STMicroelectronics L5959 Datasheet HTML 7Page - STMicroelectronics L5959 Datasheet HTML 8Page - STMicroelectronics L5959 Datasheet HTML 9Page - STMicroelectronics L5959 Datasheet HTML 10Page - STMicroelectronics L5959 Datasheet HTML 11Page - STMicroelectronics L5959 Datasheet HTML 12Page - STMicroelectronics L5959 Datasheet HTML 13Page - STMicroelectronics L5959 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical specification
L5959
10/19
Vi
Load regulation
IV810 = 0.5 to 1000 mA
-100
-20
10
mV
PSRR
Supply voltage ripple rejection
IV810 = 500 mA;
fo = 20 to 1 kHz;
VBAT = 14 Vdc, 1.0 Vac(pp)
50
55
dB
IV810 = 500 mA;
fo = 20 to 20 kHz;
VBAT = 14 Vdc, 1.0 Vac(pp)
30
35
dB
VN
Output noise
Weighted filter
fo = 20 Hz to 20 kHz
IV810 = 5 mA
175
450
µV
Vdrop
Drop out voltage
IV810(8V) = 1000mA (1)
0.45
0.9
V
Im
Current limit
Rshort = 0
1.5
2.3
3.5
A
TSEN
V810(8v) thermal shutdown
IV810(8V) = 500 µA; Increase Ta
until V810(8V) disabled
150
190
°C
tdon
Turn-on delay;
IV810(8V) = 5mA
10
45
110
µs
tdoff
Turn-off delay,
IV810(8V) = 1000 mA
45
110
µs
V810 (10V) (VBAT=11.2V to 18 V)
Vo (V810) Output Voltage 10.0V
9.5
10.0
10.5
V
V
Line regulation
VBAT = 11.2 to 18V; I =
1000mA
-50
2.5
50
mV
Vi
Load regulation
IV810 = 0.5 to 1000 mA
-100
-25
10
mV
PSRR
Supply voltage ripple rejection
IV810 = 500 mA;
fo = 20 to 1 kHz;
VBAT = 14 Vdc, 1.0 Vac(pp)
50
55
dB
IV810 = 500 mA;
fo = 20 to 20 kHz;
VBAT = 14 Vdc, 1.0 Vac(pp)
30
35
dB
VN
Output noise
Weighted filter
fo = 20 Hz to 20 kHz
IV810 = 5 mA
175
450
µV
Vdrop
Drop out voltage
IV810(10V) = 1000mA (1)
0.4
0.9
V
Im
Current limit
Rshort = 0
1.5
2.3
3.5
A
TSEN
V810(10V) thermal shutdown
IV810(8V) = 500 µA; Increase Ta
until V810(10V) disabled
150
190
°C
tdon
Turn-on delay;
IV810(8V) = 5mA
10
45
110
µs
tdoff
Turn-off delay,
IV810(8V) = 1000 mA
45
110
µs
HIGH SIDE DRIVER1
VdropSW
Drop voltage HDS1
Idc = 100mA
0.25
0.6
V
Idc = 200mA, t=5S
0.50
1.2
V
Table 5.
Electrical characteristics (continued)
(VS = 14.4V; Tamb = 25°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com