Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5959 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L5959
Description  Multifunction voltage regulator for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5959 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L5959 Datasheet HTML 11Page - STMicroelectronics L5959 Datasheet HTML 12Page - STMicroelectronics L5959 Datasheet HTML 13Page - STMicroelectronics L5959 Datasheet HTML 14Page - STMicroelectronics L5959 Datasheet HTML 15Page - STMicroelectronics L5959 Datasheet HTML 16Page - STMicroelectronics L5959 Datasheet HTML 17Page - STMicroelectronics L5959 Datasheet HTML 18Page - STMicroelectronics L5959 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Timing diagrams
L5959
16/19
Figure 7.
RST glitch rejection
Figure 8.
Enable on/off delay
< Tglitch
TPOR
5V
3.3V
VSTBY
RST
> Tglitch
Tglitch
AC00333
VERGSW
(V810, V8PS, HSDI, HSD2)
EN
AC00334
000
Tdon
Tdoff
111
000
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com