Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5962 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L5962
Description  Multiple linear/switching voltage regulator for car-radio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5962 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L5962 Datasheet HTML 8Page - STMicroelectronics L5962 Datasheet HTML 9Page - STMicroelectronics L5962 Datasheet HTML 10Page - STMicroelectronics L5962 Datasheet HTML 11Page - STMicroelectronics L5962 Datasheet HTML 12Page - STMicroelectronics L5962 Datasheet HTML 13Page - STMicroelectronics L5962 Datasheet HTML 14Page - STMicroelectronics L5962 Datasheet HTML 15Page - STMicroelectronics L5962 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Electrical specification
L5962
12/24
Doc ID 16819 Rev 3
VLR2 (3.3 V)
VoutVLR2-3
Output voltage
0 < Iload < 1 A
3.2
3.3
3.4
V
LnRVLR2-3
Line regulation
4.5 < VINLR2 < 18 V
Iload = 1 A
-20
-
+20
mV
LdRVLR2-3
Load regulation
0 < Iload < 1 A
-70
-
-
mV
VdoVLR2-3
Drop out voltage
Iload = 1 A
-
-
1.2
V
IshortVLR2-3
Short circuit current limit
1.5
-
2.5
A
OS/USVLR2-3 Overshoot / undershoot
Iload 0 1A, t > 50µs
C = 1 µF ceramic
--
±3
%
PSRRVLR2-3 Power supply rejection ratio
Iload = 500 mA
120 Hz < f < 10 kHz
VINLR2ac=1 Vpp
60
-
-
dB
nVLR2-3
Output noise
A-weighted filter
20Hz<f<20kHz
Iload=5mA
--
350
µV
TSVLR2-3
Thermal shut-down
temperature
Temperature rising
150
-
190
°C
HYSTS-VLR2-3
Hysteresis on thermal shut-
down temperature
-5
-
15
°C
ESRVLR2-3
External filtering capacitor ESR C>0.5µF
-
-
0.2
VLR2 (10 V)
VoutVLR2-10
Output voltage
0<Iload<1 A
9.7
10
10.3
V
LnRVLR2-10
Line regulation
11.4<VBAT<18 V
Iload=1 A
-25
-
+25
mV
LdRVLR2-10
Load regulation
0<Iload<1 A
-70
-
-
mV
VdoVLR2-10
Drop out voltage
Iload=1 A
-
-
0.75
V
IshortVLR2-10 Short circuit current limit
1.5
-
2.5
A
OS/USVLR2-10 Overshoot / undershoot
Iload 0 1 A, t > 50 µs
C = 1 µF ceramic
--
±3
%
PSRRVLR2-10 Power supply rejection ratio
Iload = 500 mA
120 Hz<f<10 kHz
VINLR2ac=1 Vpp
60
-
-
dB
nVLR2-10
Output noise
A-weighted filter
20 Hz < f < 20 kHz
Iload = 5 mA
--
350
µV
TSVLR2-10
Thermal shut-down
temperature
Temperature rising
150
-
190
°C
HYSTS-VLR2-10
Hysteresis on thermal shut-
down temperature
-5
-
15
°C
ESRVLR2-10
External filtering capacitor ESR C > 0.5 µF
-
-
0.2
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com