Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5962 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L5962
Description  Multiple linear/switching voltage regulator for car-radio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5962 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L5962 Datasheet HTML 10Page - STMicroelectronics L5962 Datasheet HTML 11Page - STMicroelectronics L5962 Datasheet HTML 12Page - STMicroelectronics L5962 Datasheet HTML 13Page - STMicroelectronics L5962 Datasheet HTML 14Page - STMicroelectronics L5962 Datasheet HTML 15Page - STMicroelectronics L5962 Datasheet HTML 16Page - STMicroelectronics L5962 Datasheet HTML 17Page - STMicroelectronics L5962 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Electrical specification
L5962
14/24
Doc ID 16819 Rev 3
Reset function
THRRST
Reset threshold on VSTBY
VSTBY = 3.3 V
93
-
98
%
HYSRST
Hysteresis on RST
-
30
-
150
mV
VsatRST
RST pin saturation voltage
IRST = 0.5 mA
-
-
0.4
V
DLYRST
RST delay time
C = 100 pF on RSTDLY pin
25
-
75
µs
TfallRST
RST fall time
R = 47 k
C = 50 pF
--
1
µs
TglitchRST
Glitch filter time for RST
-
5
-
20
µs
THRRSTDLY
RSTDLY pin threshold
RST falling
3
-
3.7
V
IRSTDLY
RSTDLY output current
RSTDLY = Off
7
-
13
µA
Controls
THREN
EN minimum level recognized
as high
-2
-
-
V
EN maximum level recognized
as low
--
0.8
V
HYSEN
Hysteresis on EN
-
150
-
-
mV
leakEN
EN pin leakage current
-
-1
-
1
µA
THRCLIM
CLIM pin threshold
-0.8
-
-
V
--
2
leakCLIM
CLIM pin leakage current
-
-1
-
1
µA
THRLVWIN
LVWIN threshold
-
1.225
-
1.275
V
HYSTLVWIN
LVWIN hysteresis
-
100
-
200
mV
I2C bus
THRSCL
CLOCK minimum level
recognized as High
-2.2
-
-
V
CLOCK maximum level
recognized as low
--
-
0.8
V
THRSDA
DATA minimum level
recognized as High
-2.2
-
-
V
DATA maximum level
recognized as low
--
-
0.8
V
fSCL
Clock frequency
-
-
-
400
kHz
1.
by bench characterization
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com