Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9362 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9362
Description  QUAD LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9362 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9362 Datasheet HTML 9Page - STMicroelectronics L9362 Datasheet HTML 10Page - STMicroelectronics L9362 Datasheet HTML 11Page - STMicroelectronics L9362 Datasheet HTML 12Page - STMicroelectronics L9362 Datasheet HTML 13Page - STMicroelectronics L9362 Datasheet HTML 14Page - STMicroelectronics L9362 Datasheet HTML 15Page - STMicroelectronics L9362 Datasheet HTML 16Page - STMicroelectronics L9362 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15/17
L9362
Reset
There are two different reset functions realized:
Undervoltage reset
As long as the voltage of Vcc is lower than Vccmin, the powerstages are switched off, the failure register
is reset and the SDO output remains tristate.
External reset
As long as the NRES pin is low following circuits are reset:
Powerstages
Failure register
and the SDO output is tristate.
Undervoltage protection
At Vcc below Vccmin the device remains switched off even if there is a voltage ramp at the OUT pin.
Figure 11. Application Circuit
VCC
ROL
Reset
Reset
Reset
≥1
Under
voltage
RESET
VCC
99AT0011
S
R
=
=
Driver
Trigger
dV/dt
Control
Overtemp.
I_SCB Filter
t_SCB
NON1
=
=
I_OL Filter
t_OL
NON1
=
SCG Filter
t_SCG
NON1
Failure
Register
(FR)
Shift
Register
FR
RESET
=
VCC
IRES
=
VCC
=
VCC
RESET
=
Oscillator
OSC
CFB1
CFB2
CFB3
CFB4
VCC
ADC
PGND4
PGND3
PGND2
PGND1
OUT4
OUT3
(optional
for all
channels)
OUT2
OUT1
C1
C2
C3
C4
VCC
C2
VCC
C1
NON1
=
VCC
NON2
NON3
NON4
μC
SDI
CLK
NSC
SDO
IRES
VS
NRES
SGND
LGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com