Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9362 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9362
Description  QUAD LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9362 Datasheet(HTML) 3 Page - STMicroelectronics

  L9362 Datasheet HTML 1Page - STMicroelectronics L9362 Datasheet HTML 2Page - STMicroelectronics L9362 Datasheet HTML 3Page - STMicroelectronics L9362 Datasheet HTML 4Page - STMicroelectronics L9362 Datasheet HTML 5Page - STMicroelectronics L9362 Datasheet HTML 6Page - STMicroelectronics L9362 Datasheet HTML 7Page - STMicroelectronics L9362 Datasheet HTML 8Page - STMicroelectronics L9362 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
L9362
THERMAL DATA
ABSOLUTE MAXIMUM RATINGS
For externally applied voltages or currents exceeding these limits damage of the circuit may occur
Note:
The maximum ratings may not be exceeded under any circumstances, not even momentarily and individually, as permanent
damage to the IC will result.
25
NON3
Inverted Control Signal Input
Digital input, Schmitt trigger, internal Pullup current
26
NRES
Inverted Reset Input
Digital input, Schmitt trigger, internal Pullup current
27
N.C.
28
VCC
5V Supply Voltage Input
29
N.C.
30
NON2
Inverted Control Signal Input
Digital input, Schmitt trigger, internal Pullup current
31
NON1
Inverted Control Signal Input
Digital input, Schmitt trigger, internal Pullup current
32
OUT2
Output Power Switch
33
OUT2
Output Power Switch
34
CFB2
Output Current feedback
Sinks current proportional to IOUT2
35
N.C.
36
PGND2
Power Ground
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Thermal resistance
Rth j-case
Thermal resistance junction to case
(one powerstage in use)
Die must be
soldered on the
frame.
4.5
°C/W
Rthja
Thermal resistance junction-ambient
pad layout
50
°C/W
Rthja
Thermal resistance junction-ambient
pad layout + 6 cm2
on board heat sink
35
°C/W
ESD
ESD
MIL 883C
2KV
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Supply Voltages
VCC
Supply voltage
-0.3
7
V
Outputs (Out 1 ... 4)
VOut
Continues output voltage
With no reverse
current.
-0.3
45
V
Ioutc
Continues current
3.0
A
ISCBpeak
Peak output current
-10
I_SCB
A
WOFF
Clamped energy at the switching OFF
For 2ms, see fig. 8
50
mJ
Inputs (NONx; NCS; CLK; NRES; SDI)
VIN
Input voltage
-0.3
7
V
Outputs (SDO; CFB)
VOUT
Output voltage
-0.3
VCC
+0.3
V
Operating junction temperature
Tj
Operating junction temperature
-40
150
°C
PIN FUNCTIONS (continued)
Pin No.
Pin Name
Pin Description
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com