Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9408FDIETR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9408FDIETR
Description  Automotive multifunction smart alternator regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9408FDIETR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9408FDIETR Datasheet HTML 3Page - STMicroelectronics L9408FDIETR Datasheet HTML 4Page - STMicroelectronics L9408FDIETR Datasheet HTML 5Page - STMicroelectronics L9408FDIETR Datasheet HTML 6Page - STMicroelectronics L9408FDIETR Datasheet HTML 7Page - STMicroelectronics L9408FDIETR Datasheet HTML 8Page - STMicroelectronics L9408FDIETR Datasheet HTML 9Page - STMicroelectronics L9408FDIETR Datasheet HTML 10Page - STMicroelectronics L9408FDIETR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DocID029462 Rev 1
7/14
L9408F
Electrical specifications
13
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Electrical characteristics
Tj = -40 to 150 °C; unless otherwise specified.
Table 3. Absolute maximum ratings
Symbol Parameter
Value
Unit
VS
DC supply voltage (2 min. @ 25 °C)
24
V
-
Transient supply voltage (load dump); t <500 ms @
25 °C
40
V
-
Transient supply voltage (low energy spikes pulse
ISO7637/1
60
V
Ptot
Total power dissipation (@ Tcase = 150 °C, Ifield = 5 A)
5
W
-
Reverse voltage all pins @ 25 °C, T = 15s
-2.5
V
-
DC pin current on DF, A+, GND pins (bonding limitation)
11
A
-
ESD voltage (Human body model)
±4
kV
Tj
Junction temperature
-40 to 150
°C
Tstg
Storage temperature
-40 to 170
°C
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max
Unit
Vbat
Operating supply voltage
-
8.5
-
18
V
Ib-sink
Supply battery current
-
-
-
50
mA
Ib-stby
Standby current
Vbat = 12 V, T = 25 °C
-
-
300
μA
Vbat = 12 V, T = 40 °C
-
-
500
Vreg
Regulated voltage & therm.
drift (standard version)
Ialt = 0.5 · Inom;
rpm = 0.5 · RPMMAX; T = 20 °C
14.3
-4
14.45
-3
14.6
-2
V
mV/°C
Vreg(1)
Regulated voltage & therm.
drift (optional version)
Ialt = 0.2 · Inom;
rpm = 0.5 · RPMMAX; T = 20 °C
14.1
-11.5
14.5
-10
14.9
-8.5
V
mV/°C
fsw
Switching frequency
in FSDF
30
-
400
Hz
Vrpm
Delta Vrpm
1800 < rpm < 12000;
Ialt = 0.3 · Inom
-
-
200
mV
Vload
Delta Vload
0.1 · Inom < Ialt < 0.9 · Inom;
rpm = 0.5 · RPMMAX
-
-
200
mV
Vreg
Regulated voltage without
battery
Ialt = 3 A resistive
-
-
16
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com