Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9408FDIETR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9408FDIETR
Description  Automotive multifunction smart alternator regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9408FDIETR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9408FDIETR Datasheet HTML 5Page - STMicroelectronics L9408FDIETR Datasheet HTML 6Page - STMicroelectronics L9408FDIETR Datasheet HTML 7Page - STMicroelectronics L9408FDIETR Datasheet HTML 8Page - STMicroelectronics L9408FDIETR Datasheet HTML 9Page - STMicroelectronics L9408FDIETR Datasheet HTML 10Page - STMicroelectronics L9408FDIETR Datasheet HTML 11Page - STMicroelectronics L9408FDIETR Datasheet HTML 12Page - STMicroelectronics L9408FDIETR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DocID029462 Rev 1
9/14
L9408F
Electrical specifications
13
Figure 2. Application diagram
VPHL1
Enable control voltage PH
high threshold
Square wave 1 kHz
0.67
0.795
0.92
V
VPHL2
Enable control voltage PH low
threshold
-
VPHL1
-0.48
VPHL1
-0.57
VPHL1
-0.66
V
tPH
PH filtering time
-
15
-
120
μs
VPHH1
Diag. phase loss high voltage -
9
10.25
11.5
V
VPHH2
Diag. phase loss low voltage
-
4
5
6
V
tPHD
Diagnostic PH filtering time
-
50
-
200
μs
IPH
Phase pull-down current
-
1
-
8
mA
tD
Diagnostic alarm delay
-
0.48
0.575
0.65
s
fDFM
DFM open drain switching
frequency
in FSDF
30
-
400
Hz
Vol
Output low voltage DFM
Isink = 25 mA
-
-
1.5
V
Idfml
Short circuit protection DFM
VDF_MON = 12 V
25
-
200
mA
Ilk
Output leakage current DFM
VDF_MON = 24 V
-
-
0.1
mA
t_TM
DFM output voltage rise time
R = 2.7 kΩ; C = 1 nF;
Valim = 13.5 V
0.05
-
50
μs
T_TD
DFM output voltage fall time
R = 2.7 kΩ; C = 1 nF;
Valim = 13.5 V
0.05
-
50
μs
1. Available through a metal option of the actual device.
2. Not tested on the die version.
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com