Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9466N Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9466N
Description  Car alternator voltage regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9466N Datasheet(HTML) 5 Page - STMicroelectronics

  L9466N Datasheet HTML 1Page - STMicroelectronics L9466N Datasheet HTML 2Page - STMicroelectronics L9466N Datasheet HTML 3Page - STMicroelectronics L9466N Datasheet HTML 4Page - STMicroelectronics L9466N Datasheet HTML 5Page - STMicroelectronics L9466N Datasheet HTML 6Page - STMicroelectronics L9466N Datasheet HTML 7Page - STMicroelectronics L9466N Datasheet HTML 8Page - STMicroelectronics L9466N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
L9466
Electrical specifications
5/11
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Electrical characteristics
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IOC
Output current capability
Internally limited
Ptot
Power dissipation
6
W
Short circuit protected
All terminal, to VGO
and ground
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Tj
Junction temperature
-40 to +150
C
Tstg
Storage temperature
-50 to +150
C
Tsd
Thermal shut-down
175
 15
C
Rth j-case Thermal resistance junction to case
1.5
°C/W
Table 5.
Electrical characteristics
(Tcase = -35°C to +150°C continuous unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOS
Operating supply voltage
Tcase = +25C to =150C8
Vov
V
VOS
Operating supply voltage
Tcase = -40C to +25C10
Vov
V
ISB
Stand-by current
VGO = 12.6V; Tcase = 25C;
10k
; F+, G & Tab (Slug)
Grounded; L, DF, & P
unconnected; Regulator not
activated.
300
A
VSP
Regulator set-point
Curve shown in Figure 3
VNB
Generator output, no battery
No battery, IOUT = 2A to 50%
Max. Load
VSP - 2
VSP +
2
V
TC
Thermal compensation
Voltage @ VGO
Curve shown in Figure 3
VLR
Load regulation
6500 grpm, 10% to 95% load
300
mV
VSR
Speed regulation
15A load, 2000 to 20,000 grpm
100
mV
VF-ON
Output saturation voltage
IF = 6A, VGO = 14.0V,
Tcase = 25C
750
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com