Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9466N Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9466N
Description  Car alternator voltage regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9466N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9466N Datasheet HTML 3Page - STMicroelectronics L9466N Datasheet HTML 4Page - STMicroelectronics L9466N Datasheet HTML 5Page - STMicroelectronics L9466N Datasheet HTML 6Page - STMicroelectronics L9466N Datasheet HTML 7Page - STMicroelectronics L9466N Datasheet HTML 8Page - STMicroelectronics L9466N Datasheet HTML 9Page - STMicroelectronics L9466N Datasheet HTML 10Page - STMicroelectronics L9466N Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
L9466
Electrical specifications
7/11
Table 6.
Diagnostic (Tcase = -35°C to +150°C unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VOV
Over-voltage
VSP + 1
VSP +
1.3
VSP + 2
V
VUV
Under-voltage
FP > FP-LRC
0.95
1.8
V
VL-SAT
Lamp ON saturation voltage
IL = 0.5A (sinked by ASVR)
>VL-ACT
1.33
1.45
V
VL-SAT-BO Lamp ON voltage
(1)
IL < 0.5A, VGO = Open; Tcase =
-35
C to 85C
3.8
5
V
VL-RLY
Lamp OFF (relay drive)
saturation voltage (vs. B+)
IL = 750mA (Sourced by ASVR)
(2) T
case < 125°C
1.85
V
TDELAY
Fault indication delay time
Delay before Lamp ON
0.9
1.1
1.3
s
1.
This condition can happen when the connection between the battery and VGO or the output terminal of the generator is
broken. The 1.1 second delay is not required, and current is sinked by ASVR.
2.
When no fault is detected the Lamp terminal is pulled up by ASVR.
Table 7.
Fault indication table
Conditions
TDelay
Initial KEY-ON Bulb and Wiring Check (Lamp ON for 1 sec.
 15% after initial KEY-ON)
No
VGO > VOV
Yes
VP < VP-F AND VGO < VSP
Yes
FP < FP-TR @ VP-TR
Yes
No Connection Between Battery and VGO
No
At Start: Lamp ON until FP>FP-IR AND VP>VP-F. i.e. until VP reaches 8V.
No
Table 8.
Regulation features
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VL-PD
L terminal regulator activate
threshold
VGO=12.6V
0.8
1
1.15
V
IL-PD
L terminal pull down current
VL = VL-ACT
VGO=12.6V
0.09
0.78
mA
VP-IR
Initiate regulation phase voltage
threshold
Regulator Activated
1.1
1.3
1.5
V
IP
Phase terminal current sink
VP > 1.5V and < 12.6V
VGO = 12.6V
0.25
3.5
mA
FP-IR
Initiate regulation phase
frequency
123
145
167
Hz
FP-TR
Terminate regulation phase
frequency
59
72
86
Hz
IRD
Initiate regulation delay
Regulator activated, VP-IR and
FP-IR Conditions Met First Time.
1.722.3
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com