Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9468N Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9468N
Description  ALL SILICON VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9468N Datasheet(HTML) 3 Page - STMicroelectronics

  L9468N Datasheet HTML 1Page - STMicroelectronics L9468N Datasheet HTML 2Page - STMicroelectronics L9468N Datasheet HTML 3Page - STMicroelectronics L9468N Datasheet HTML 4Page - STMicroelectronics L9468N Datasheet HTML 5Page - STMicroelectronics L9468N Datasheet HTML 6Page - STMicroelectronics L9468N Datasheet HTML 7Page - STMicroelectronics L9468N Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
L9468
Notes:
1. 20 Volts is the maximum operating voltage because above this level the FAILSAFE feature shuts down the output stage.
2. Thermal slopes are shown in fig. 2
3. This value is present when the voltage sensed at the " S" or "VGO" terminal is between VUV and VOV. When the voltage sensed
at the "S" or "VGO" terminal is above VOV the Minimum Field Duty-Cycle will be 0 %.
Figure 4. Reverse B+ Test Circuit
Table 5. Electrical Characteristcs
(Tcase = -35°C to 150°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VOS
Operating Supply Voltage
Tcase = +25 to +150 °C
8
20 1
V
VOS
Operating Supply Voltage
Tcase = - 40 to +25 °C
10
20
V
ISB
Stand-by Current
VGO = 12.6V, Tcase -35 to +80 °C
400
A
ISB
Stand-by Current
VGO = 12.6 V, 80°C <Tcase< +150°C
1
mA
VS
Regulator Set-Point
@ 71°C ± 3°C
14.1
V
VNB
Generator output, no battery
No battery, IOUT =2A to 50% Max
Load
VS-2
VS+2
V
TC
Thermal compensation
Voltage @ VS or VGO
2 in failsoft
V
VLR
Load Regulation
6500 grpm, 10% to 95% load
300
mV
VSR
Speed Regulation
15A load, 2,000 to 10,000 grpm
100
mV
VFON
Output Saturation Voltage
IF = 6A, VGO = 14.7V, Tcase = 25°C
750
mV
VFON
Output Saturation Voltage
IF = 5A, VGO = 13.5V, Tcase = 125°C
850
mV
IFLIM
Field limit current
F terminal shorted to GND @ 25°C
8.3
A
F terminal shorted to GND @ 150°C
5
A
VF
Field Discharge Rectifier
IF = 6A, Tcase = 25°C
1.85
V
IR
Diode Reverse Current
VR = 20V
1
mA
fOSC
Oscillation frequency
During LRC operation
340
400
460
Hz
MFDC
Minimum Field Duty-Cycle
VUV < V(S or VGO) < VOV
3
6.25
%
RFM
Impedance @ FM pin
Impedance between FM and F+
5
15
K
1.8
Ω
FIELD
ASVR
FM
S
F
L
I
P
VGO
F
G
INCANDESCENT
LOAD 14
Ω
D02AT505
POWER SUPPLY
6V
+-
POWER SUPPLY
2.5V
-+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com