Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9468N Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9468N
Description  ALL SILICON VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9468N Datasheet(HTML) 4 Page - STMicroelectronics

  L9468N Datasheet HTML 1Page - STMicroelectronics L9468N Datasheet HTML 2Page - STMicroelectronics L9468N Datasheet HTML 3Page - STMicroelectronics L9468N Datasheet HTML 4Page - STMicroelectronics L9468N Datasheet HTML 5Page - STMicroelectronics L9468N Datasheet HTML 6Page - STMicroelectronics L9468N Datasheet HTML 7Page - STMicroelectronics L9468N Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
L9468
4/8
Figure 5. Setpoint Voltage vs. Tcase Temperature
Table 6. Diagnostic (Tcase -35°C to +150°C unless otherwise specified)
Notes:
4. When Fail Soft operation is detected, regulation sensing will switch from the "S" terminal to the VGO terminal.
5. This condition can happen when the connection between the battery and VGO or the output terminal of the generator is broken.
In this case the delay of 1.1 seconds is not required.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VFSO
Failsafe Output Voltage
Voltage measured at VGO
20
20.48
21
V
VFSL
Switch sensing from S to VGO
"S" Voltage falling into Fail Soft 4
44.2
V
VFSH
Switch sensing from VGO to S
"S" Voltage rising out of Fail Soft
7.6
8
V
IS
Sink current @ "S" pin
VS = 14 V
1
1.75
2.5
mA
VUV
Undervoltage
grpm > 3100 ± 15%
10.95
11.35
11.6
V
VOV
Overvoltage
VS+1
VS+1.25
VS+1.55
V
VLSAT
Lamp saturation voltage
IL = 0.5A
1.33
1.4
V
VLSAT
Lamp on Voltage 5
IL < 0.5A,VGO=open, Tcase =
25°C
3.8
5
V
TDELAY
Fault Indication Delay Time
0.935
1.1
1.265
s
0
20
40
60
80
100
120
Tcase(˚C)
-40
13.0
13.2
13.4
13.6
13.8
14.0
14.2
14.4
14.6
14.8
15.0
15.2
15.4
15.6
15.8
VS
(V)
-20
D02AT506
15.9
15.45
15.05
14.35
14.1
13.85
14
13.65
13.35
14.8
14.55
15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com