Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9613B Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9613B
Description  Data interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9613B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9613B Datasheet HTML 2Page - STMicroelectronics L9613B Datasheet HTML 3Page - STMicroelectronics L9613B Datasheet HTML 4Page - STMicroelectronics L9613B Datasheet HTML 5Page - STMicroelectronics L9613B Datasheet HTML 6Page - STMicroelectronics L9613B Datasheet HTML 7Page - STMicroelectronics L9613B Datasheet HTML 8Page - STMicroelectronics L9613B Datasheet HTML 9Page - STMicroelectronics L9613B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical specification
L9613
6/15
trLI-LO
trK-RX
trTX-K
Rise time
for the definition of tr, tf
see Figure 6 (3)
9V < VS < 16V (external loads)
Tmin  20 · RKO · CK - Kline
0.4
2
µs
tfLI-LO
tfK-RX
tfTX-K
Fall time
0.4
2
µs
tOFF,LI-LO
tOFF,K-RX
tOFF,TX-K
Switch OFF time
for the definition of ton, tOFF
see Figure 6.
9V < VS < 16V (external loads)
Tmin  20 · RKO · CK - Kline
113
µs
tON,LI-LO
tON,K-RX
tON,TX-K
Switch ON time
1
13
µs
tdSB ON
tdSB OFF
Standby reaction time
VTX = 0V, IK
 7mA
VLI = 0V, 9V < VS < 16V
see
10
20
20
40
µs
1.
In case of spikes on VCC
 0.5V KOUT will be switched On for typical 10µs which represents the standby td
SB reaction
time.
2.
For output currents lower than this value a series protection diode can become active. See also Figure 5 and 7.
3.
Speed limitation related to external capacitance Cext RX, LO and internal impedance CLO, RX, RLO, RRX for rise time.
tr = RLO, RX · (CLO,RX + Cext RX, LO) · 1.38.
Table 5.
Electrical characteristics (continued)
(The electrical characteristics are valid within the below defined operating conditions, unless
otherwise specified. The function is guaranteed by design until TJSDon temperature
shutdown switch-on-threshold. VS = 4.8 to 18V; VCC = 3 to 7V; Tj = -40 to +150°C).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com