Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9613B Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9613B
Description  Data interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9613B Datasheet(HTML) 4 Page - STMicroelectronics

  L9613B Datasheet HTML 1Page - STMicroelectronics L9613B Datasheet HTML 2Page - STMicroelectronics L9613B Datasheet HTML 3Page - STMicroelectronics L9613B Datasheet HTML 4Page - STMicroelectronics L9613B Datasheet HTML 5Page - STMicroelectronics L9613B Datasheet HTML 6Page - STMicroelectronics L9613B Datasheet HTML 7Page - STMicroelectronics L9613B Datasheet HTML 8Page - STMicroelectronics L9613B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical specification
L9613
4/15
2
Electrical specification
2.1
Absolute maximum ratings
Note:
Max. ESD voltages are ±2kV with human body model C = 100pF, R = 1.5k corresponds to
maximum energy dissipation 0.2mJ according to MIL883C.
2.2
Thermal data
2.3
Electrical characteristics
Table 3.
Absolute maximum ratings (No damage or latch)
Symbol
Parameter
Value
Unit
VS
Supply voltage
ISO transients t
 400 ms
-24 to +36
-24 to +40
V
VCC
Stabilized voltage
-24 to +7
V
V
S/dt
Supply voltage transient
-10 to +10
V/µs
VLI, K
Pin voltage
-24 to VS
V
VLO, RX, TX
-24 to VCC
V
Table 4.
Thermal data
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJSDon
Temperature K shutdown switch on threshold
160
200
°C
TJSDoff
Temperature K shutdown switch off threshold
150
200
°C
Rth j-amb
Thermal steady state junction to ambient resistance
130
155
180
°C/W
Table 5.
Electrical characteristics
(The electrical characteristics are valid within the below defined operating conditions, unless
otherwise specified. The function is guaranteed by design until TJSDon temperature
shutdown switch-on-threshold. VS = 4.8 to 18V; VCC = 3 to 7V; Tj = -40 to +150°C).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ICC
Supply VCC current
VCC  5.5V; VLI,VTX = 0V
1.4
2.3
mA
VK
 VK
high; VLI  VLIhigh
VTX = VCC @ VCC  5.5V
-5
40
150
µA
ISON
Supply VS Current
VLI, VTX = 0V
VCC  0.5V @ VS  12V
(1)
3.5
<1
10
50
mA
µA
ISSB
VCC  0.5V @ VS  16V
100
µA
VKlow
Input voltage low state
RX output status LOW
-24
0.40VS
V
VKhigh
Input voltage high state
RX output status HIGH
0.60VS
VS
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com