Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9637D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9637D
Description  Monolithic bus driver with ISO 9141 interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9637D Datasheet(HTML) 5 Page - STMicroelectronics

  L9637D Datasheet HTML 1Page - STMicroelectronics L9637D Datasheet HTML 2Page - STMicroelectronics L9637D Datasheet HTML 3Page - STMicroelectronics L9637D Datasheet HTML 4Page - STMicroelectronics L9637D Datasheet HTML 5Page - STMicroelectronics L9637D Datasheet HTML 6Page - STMicroelectronics L9637D Datasheet HTML 7Page - STMicroelectronics L9637D Datasheet HTML 8Page - STMicroelectronics L9637D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
L9637
Electrical specification
Doc ID 1765 Rev 8
5/15
ISON
Supply VS current
VS  16 V; VLI, VTX = 0 V
-
1.2
3
mA
ISOFF
VK
 VK
high; VLI  VLIhigh
VTX
 VTX
high @ VS  12 V
-
120
220
µA
ISSB
VCC  0.5 V @ VS  12 V
-
<1
-
µA
VKlow
Input voltage low state
RX output status LOW
4.5 V
 V
S  18 V
-24
-
0.45VS
V
RX output status LOW
18 V < VS
-24
-
8
V
VKhigh
Input voltage high state
RX output status HIGH
4.5 V
 V
S  18 V
0.55VS
-VS
V
RX output status HIGH
18 V < VS
12
-
VS
V
VKhys
Input threshold hysteresis
VKhigh - VKlow
-
0.025
VS
0.8
V
IKoff
Input current
@ VTX
 VTX
high
VK
 V
S; VS, VCC  0 or
VS, VCC = open
-5
4
25
µA
RKON
Output ON impedance
@ VS  6.5 V
VTX
 VTX
low
IK  7 mA
(2)
-10
30
IKSC
Short circuit current
30
60
100
mA
VTXlow
Input voltage LOW state
-24
-
1
V
VTXhigh
Input voltage HIGH state
2.5
-
VCC
V
RRXON
RLOON
Output ON impedance
VK
 VK
low; VLI  VLIlow
VS  6.5 V IRX, LO  1 mA
-
40
90
IRXSC
ILOSC
Output short circuit current
9
20
35
mA
VRXH
VLOH
Output voltage HIGH state
10M
  R
LRX
10M
  R
LLO
VCC-
0.25
VCC-
0.1
VCC-V
RLO
RRX
Output pull-up resistance
Output status = (HIGH)
-0.15 V
 VLO  V
CC + 0.15 V
-0.15 V
 VRX  V
CC + 0.15 V
510
20
k
RTX
Input pull up resistance
-0.15 V
 VTX  V
CC + 0.15 V
10
20
40
k
VLIlow
Input voltage LOW state
LO output status LOW
4.5 V
 V
S  18 V
LO output status LOW 18 V < VS
-24
-24
-
0.45VS
8
V
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com