Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9637D Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9637D
Description  Monolithic bus driver with ISO 9141 interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9637D Datasheet(HTML) 4 Page - STMicroelectronics

  L9637D Datasheet HTML 1Page - STMicroelectronics L9637D Datasheet HTML 2Page - STMicroelectronics L9637D Datasheet HTML 3Page - STMicroelectronics L9637D Datasheet HTML 4Page - STMicroelectronics L9637D Datasheet HTML 5Page - STMicroelectronics L9637D Datasheet HTML 6Page - STMicroelectronics L9637D Datasheet HTML 7Page - STMicroelectronics L9637D Datasheet HTML 8Page - STMicroelectronics L9637D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical specification
L9637
4/15
Doc ID 1765 Rev 8
2
Electrical specification
2.1
Absolute maximum ratings
Note:
Max. ESD voltages are ±2kV with human body model C = 100pF, R = 1.5k corresponds to
maximum energy dissipation 0.2mJ according to MIL883C.
2.2
Thermal data
2.3
Electrical characteristics
The electrical characteristics are valid within the below defined operating conditions, unless
otherwise specified. The function is guaranteed by design until TJSDon temperature
shutdown switch-on-threshold.
Table 3.
Absolute maximum ratings (No damage or latch)
Symbol
Parameter
Value
Unit
VS
Supply voltage ISO transients
t = 400 ms
-24 to +36
-24 to +40
V
VCC
Stabilized voltage
-0.3 to +7
V
V
S/dt
Supply voltage transient
-10 to +10
V/µs
VLI, K
Pin voltage
-24 to VS
V
VLO, RX, TX
-24 to VCC
V
Table 4.
Thermal data
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJSDon
Temperature K shutdown switch on threshold
160
-
200
°C
TJSDoff
Temperature K shutdown switch off threshold
150
-
200
°C
Rth j-amb
Thermal steady state junction to ambient resistance
130
155
180
°C/W
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage
-
4.5
-
36
V
VCC
Stabilized voltage
see note (1)
35
7
V
Tj
Junction temperature
-
-40
-
150
°C
ICC
Supply VCC current
VCC  5.5 V; VLI,VTX = 0 V
-
1.4
2.3
mA
VK
 VK
high; VLI  VLIhigh
VTX = VCC @ VCC  5.5 V
-5
<1
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com