Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9758 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9758
Description  Automotive multiple supply for engine control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9758_V01 Datasheet HTML 16Page - STMicroelectronics L9758_V01 Datasheet HTML 17Page - STMicroelectronics L9758_V01 Datasheet HTML 18Page - STMicroelectronics L9758_V01 Datasheet HTML 19Page - STMicroelectronics L9758_V01 Datasheet HTML 20Page - STMicroelectronics L9758_V01 Datasheet HTML 21Page - STMicroelectronics L9758_V01 Datasheet HTML 22Page - STMicroelectronics L9758_V01 Datasheet HTML 23Page - STMicroelectronics L9758_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Electrical characteristics
L9758
20/30
DocID14273 Rev 5
4.12
STBY_OK signal
Tamb = -40°C to 125°C, VBAT= VBAT_SW = 5.5 to 26.5V, unless otherwise specified.
Table 19. STBY_OK signal
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Th_stbyok
VstanbyOK threshold
ΔVSTBY/Δt <0
-8,5
-
-3,5
%
Tstbydly
STBY_OK filter time
-
15
-
25
μs
Tstbyok
STBY_OK delay accuracy
-
10
-
60
μs
Vol_stbyok
STBY_OK low output
voltage
VSTBY = 1 V Istbyok =1 mA
-
-
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com