Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9758 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9758
Description  Automotive multiple supply for engine control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9758_V01 Datasheet HTML 22Page - STMicroelectronics L9758_V01 Datasheet HTML 23Page - STMicroelectronics L9758_V01 Datasheet HTML 24Page - STMicroelectronics L9758_V01 Datasheet HTML 25Page - STMicroelectronics L9758_V01 Datasheet HTML 26Page - STMicroelectronics L9758_V01 Datasheet HTML 27Page - STMicroelectronics L9758_V01 Datasheet HTML 28Page - STMicroelectronics L9758_V01 Datasheet HTML 29Page - STMicroelectronics L9758_V01 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Package information
L9758
28/30
DocID14273 Rev 5
Table 20. PowerSO-36 package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
3.60
-
-
0.1417
a1
0.10
-
0.30
0.0039
0.0118
a2
-
3.30
-
-
0.1299
a3
0
-
0.10
-
-
0.0039
b
0.22
-
0.38
0.0087
-
0.0150
c
0.23
-
0.32
0.0091
-
0.0126
D(2)
2. “D and E1” do not include mold flash or protusions. Mold flash or protusions shall not exceed 0.15 mm
(0.006”). Critical dimensions are "a3", "E" and "G"..
15.80
-
16.00
0.6220
-
0.6299
D1
9.40
-
9.80
0.3701
-
0.3858
E
13.90
-
14.5
0.5472
-
0.5709
E1(2)
10.90
-
11.10
0.4291
-
0.4370
E2
-
-
2.90
-
-
0.1142
E3
5.80
-
6.20
0.2283
-
0.2441
e
-
0.65
-
-
0.0256
-
e3
-
11.05
-
-
0.4350
-
G
0
-
0.10
0
-
0.0039
H
15.50
-
15.90
0.6102
-
0.6260
h
-
-
1.10
-
-
0.0433
L
0.8
-
1.10
0.0315
-
0.0433
N
10° (max)
s
8° (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com