Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9825 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9825
Description  Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9825 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9825 Datasheet HTML 3Page - STMicroelectronics L9825 Datasheet HTML 4Page - STMicroelectronics L9825 Datasheet HTML 5Page - STMicroelectronics L9825 Datasheet HTML 6Page - STMicroelectronics L9825 Datasheet HTML 7Page - STMicroelectronics L9825 Datasheet HTML 8Page - STMicroelectronics L9825 Datasheet HTML 9Page - STMicroelectronics L9825 Datasheet HTML 10Page - STMicroelectronics L9825 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
L9825
8/11
Fault condition 2) "open load" or "output short circuit to GND" : the output is switched off and the voltage at the
output drops below the diagnostics threshold, because the load current is lower than the output diagnostic cur-
rent source, the load is interrupted. The diagnostic bit is low.
For outputs 3 to 8 the output status signals, are fed directly to the SPI register.
Table 3. Diagnostic for outputs 1 to 8 in SPI controlled mode.
The fault condition 1) "output short circuit to Vbat" :
For outputs 3 to 6 is the same as of outputs 1 and 2.
For outputs 7 and 8 : the output was switched on and the voltage at the output exceeds the diagnostics thresh-
old. The output operates in current regulation mode or has been switched off due to thermal shutdown. The sta-
tus bit is low.
Fault condition 2) "open load" or "output short circuit to GND" is the same as of outputs 1 and 2.
At the falling edge of NCS the output status data are transferred to the shift register. When NSC is low, data bits
contained in the shift register are transferred to SDO output et every rising CLK edge.
Figure 3. The Pulse Diagram to Read the Outputs Status Register
Figure 4. The Structure of the Outputs Status Register
Output 1 ... 8
Output-voltage
Status-bit
Output-mode
off
> DG-threshold
high
correct operation
off
< DG-threshold
low
fault condition 2)
on
< DG-threshold
low
correct operation
on
> DG-threshold
high
fault condition 1)
NCS
CLK
SDI
SDO
MSB
LSB
65
432
1
MSB
LSB
65
43
2
1
Diag2 Diag4 Diag6 Diag8 Diag1 Diag3 Diag5 Diag7
MSB
LSB
Diagnostic-bit output 7
Diagnostic-bit output 5
Diagnostic-bit output 3
Diagnostic-bit output 1
Diagnostic-bit output 8
Diagnostic-bit output 6
Diagnostic-bit output 4
Diagnostic-bit output 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com