Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9825 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9825
Description  Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9825 Datasheet(HTML) 4 Page - STMicroelectronics

  L9825 Datasheet HTML 1Page - STMicroelectronics L9825 Datasheet HTML 2Page - STMicroelectronics L9825 Datasheet HTML 3Page - STMicroelectronics L9825 Datasheet HTML 4Page - STMicroelectronics L9825 Datasheet HTML 5Page - STMicroelectronics L9825 Datasheet HTML 6Page - STMicroelectronics L9825 Datasheet HTML 7Page - STMicroelectronics L9825 Datasheet HTML 8Page - STMicroelectronics L9825 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
L9825
4/11
ELECTRICAL CHARACTERISTCS
(4.5V
≤ VCC ≤ 5.5V; -40°C ≤ TJ ≤ 150°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply voltage
IccSTB
Standby current
without load
5
mA
IccOPM
Operating mode
IOUT1 ... 8 = 500mA
SPI - CLK = 3MHz
NCS = LOW
SDO no load
5mA
ΔICC
ΔICC during reverse output
current
Iout = -3A
100
mA
Inputs (NONx. NCS, CLK, SDI, nRes)
VINL
Low level
-0.3
0.2·VCC
V
VINH
High level
0.7·VCC
VCC+0.3
V
Vhyst
Hysteresis voltage
0.85
V
IIN
Input current
VIN = VCC
10
µA
RIN
Pullup resistance
50
250
k
Ω
CIN
Input capacitance
10
pF
Serial data outputs
VSDOH
High output level
ISDO = -4mA
VCC -0.4
V
VSDOL
Low output level
ISDO = 3,2mA
0.4
V
ISDOL
Tristate leakage current
NCS = high; 0V
≤ VSDO ≤ VCC
-10
10
µA
CSDO
Output capacitance
fSDO = 300kHz
10
pF
Outputs OUT 1 ... 8
IOUTL1 - 8 Leakage current
OUTx = OFF; VOUTx = 25V; VCC
= 5V
100
µA
IOUTL1 - 8 Leakage current
OUTx = OFF; VOUTx = 16V; VCC
= 5V
100
µA
IOUTL1 - 8 Leakage current
OUTx = OFF; VOUTx = 16V; VCC
= 1V
10
µA
Vclp
Output clamp voltage
1mA
≤ Iclp ≤ Ioutp; Itest = 10mA
with correlation
45
60
V
RDSon
On resistance OUT 1 ... 8
IOUT = 500mA; Tj = +150°C
1.5
W
COUT
Output capacitance
VOUT = 16V; f = 1MHz
300
pF
Outputs short circuit protection
ISBC
Overcurrent shutoff threshold
OUT1 ... OUT6
1.05
1.4
2.05
A
ILIM
Short circuit current limitation
OUT7; OUT8
1.05
1.4
1.75
A
tSCB
Delay shutdown
for output 1 ... 6; IOUT
≤ 1/2 ISBC
0.2
3
12
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com