Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02JTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99VR02JTR
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02JTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99VR02JTR Datasheet HTML 28Page - STMicroelectronics L99VR02JTR Datasheet HTML 29Page - STMicroelectronics L99VR02JTR Datasheet HTML 30Page - STMicroelectronics L99VR02JTR Datasheet HTML 31Page - STMicroelectronics L99VR02JTR Datasheet HTML 32Page - STMicroelectronics L99VR02JTR Datasheet HTML 33Page - STMicroelectronics L99VR02JTR Datasheet HTML 34Page - STMicroelectronics L99VR02JTR Datasheet HTML 35Page - STMicroelectronics L99VR02JTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Table 17. PowerSSO-12 package mechanical data
Symbol
Millimeters
Min
Typ.
Max
A
1.250
1.700
A1
0.000
0.100
A2
1.100
1.600
b
0.230
0.410
c
0.190
0.250
D
4.800
5.000
E
3.800
4.000
e
0.800
H
5.800
6.200
h
0.250
0.500
L
0.400
1.270
k
0°
8°
X
2.200
2.800
Y
2.900
3.500
ddd
0.100
L99VR02J
PowerSSO-12 package information
DS14076 - Rev 1
page 32/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com