Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR033PTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L99VR033PTR
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR033PTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L99VR033PTR Datasheet HTML 2Page - STMicroelectronics L99VR033PTR Datasheet HTML 3Page - STMicroelectronics L99VR033PTR Datasheet HTML 4Page - STMicroelectronics L99VR033PTR Datasheet HTML 5Page - STMicroelectronics L99VR033PTR Datasheet HTML 6Page - STMicroelectronics L99VR033PTR Datasheet HTML 7Page - STMicroelectronics L99VR033PTR Datasheet HTML 8Page - STMicroelectronics L99VR033PTR Datasheet HTML 9Page - STMicroelectronics L99VR033PTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
2.3
Electrical characteristics
Values specified in this section are for VS = 4.5 V (VO = 3.3 V) and VS = 6 V (VO = 5 V) to 28 V, TJ = -40 °C to
+150 °C, unless otherwise stated.
Table 6. General characteristics
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
Pin
Item
VO_3V3 Output voltage 3.3 V
VS = 4.5 to 28 V
IO = 0 mA to 300 mA
3.234 3.3 3.366
V
VO
A.007
VO_5V Output voltage 5 V
VS = 6 to 28 V
IO = 0 mA to 300 mA
4.9
5
5.1
V
VO
A.007
IO
DC output current
VO = 3.3 V, VO = 5 V
-
-
300
mA
VO
A.008
Ishort
Short circuit current
value
VO = 3.3 V, VO = 5 V
450
-
900
mA
VO
A.009
∆VO/VO Static line regulation
VS is from 4.5 V for VO = 3.3 V or
6 V for VO = 5 V to 40 V
IO = 150 mA
-
-
10
mV
VS,
VO
A.010
∆VO/VO
Static load
regulation
IO = 1 mA to 300 mA, VS = 14 V
VO = 3.3 V, VO = 5 V
-
-
10
mV
VO
A.011
Vdp
Drop voltage
IO = 300 mA
VO = 5 V, VO = 3.3 V
-
0.55
1
V
VS,
VO
A.012
PSRR
Power supply
rejection ratio(1)
VS = 13.5 V, IO = 300 mA,
frequency = 1 kHz, VO = 3.3 V
VO = 5 V, CO = 2.2 μF
-
76
-
dB
VS,
VO
A.013
Iqn
Current
consumption with
regulator disabled
Iqn = IS - IO
VS = 4.5 to 28 V for VO = 3.3 V
VS = 6 to 28 V for VO = 5 V
EN = low
-
-
800
nA
VS,
VO
A.014
Iqn_LL
Current
consumption with
regulator enabled
Iqn_LL = IS - IO
VS = 4.5 to 28 V for VO = 3.3 V
VS = 6 to 28 V for VO = 5 V
IO = 0 mA, EN = high
-
-
3.5
µA
VS,
VO
A.023
Iqn_O
Current
consumption with
regulator enabled
Iqn_O = IS - IO
VS = 4.5 to 28 V for VO = 3.3 V
VS = 6 to 28 V for VO = 5 V
IO = 1 mA, EN = high
-
23
30
µA
VS,
VO
A.015
Iqn_50
Current
consumption with
regulator enabled
Iqn_50 = IS - IO
VS = 4.5 to 28 V for VO = 3.3 V
VS = 6 to 28 V for VO = 5 V
IO = 50 mA, EN = high
-
40
50
µA
VS,
VO
A.016
Iqn_150
Current
consumption with
regulator enabled
Iqn_150 = IS - IO
VS = 4.5 to 28 V for VO = 3.3 V
VS = 6 to 28 V for VO = 5 V
IO = 150 mA, EN = high
-
140
160
µA
VS,
VO
A.017
Iqn_300
Current
consumption with
regulator enabled
Iqn_300 = IS - IO
VS = 4.5 to 28 V for VO = 3.3 V
VS = 6 to 28 V for VO = 5 V
IO = 300 mA, EN = high
-
175
200
µA
VS,
VO
A.018
1. Guaranteed by design - not tested.
L99VR03
Electricalspecifications
DS14803 - Rev 2
page 6/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com