Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR033PTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99VR033PTR
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR033PTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99VR033PTR Datasheet HTML 14Page - STMicroelectronics L99VR033PTR Datasheet HTML 15Page - STMicroelectronics L99VR033PTR Datasheet HTML 16Page - STMicroelectronics L99VR033PTR Datasheet HTML 17Page - STMicroelectronics L99VR033PTR Datasheet HTML 18Page - STMicroelectronics L99VR033PTR Datasheet HTML 19Page - STMicroelectronics L99VR033PTR Datasheet HTML 20Page - STMicroelectronics L99VR033PTR Datasheet HTML 21Page - STMicroelectronics L99VR033PTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Figure 26. Thermal fitting model of a Vreg - PWSSO12
Table 9. Thermal parameter - PWSSO12
Thermal parameters
2 layer PCB
4L
FP
2 CM
8 CM
R1 (°C/W)
4.9
-
-
-
R2 (°C/W)
5
-
-
-
R3 (°C/W)
6
-
-
-
R4 (°C/W)
18
9
8
4.5
R5 (°C/W)
22
15
10
4
R6 (°C/W)
26
20
15
4
C1 (W·s/°C)
0.001
-
-
-
C2 (W·s/°C)
0.03
-
-
-
C3 (W·s/°C)
0.1
-
-
-
C4 (W·s/°C)
0.4
0.4
0.4
0.8
C5 (W·s/°C)
0.27
0.8
1
7
C6 (W·s/°C)
3
6
9
15
L99VR03
Package andPCB thermal data
DS14803 - Rev 2
page 18/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com