Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR-PLATFORM Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # ATR-PLATFORM
Description  Liquid Flow-Through (LFT) ATR Platform VITA 48.4
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

ATR-PLATFORM Datasheet(HTML) 1 Page - Elma Electronic Ltd

  ATR-PLATFORM Datasheet HTML 1Page - Elma Electronic Ltd ATR-PLATFORM Datasheet HTML 2Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
www.elma.com
1/2
Liquid Flow-Through (LFT) ATR Platform
VITA 48.4
Increasingly power-hungry OpenVPX modules require a cooling solution guaranteed
to keep the mission on course. From the experts in packaging for extreme
environments comes the VITA 48.4 LFT field-deployable ATR platform.
Elma Electronic’s newest rugged OpenVPX ATR platform is designed to accommodate
boards requiring liquid flow-through (LFT) cooling per the VITA 48.4 standard.
VITA 48.4 establishes the mechanical design interface, outline and mounting
requirements for 6U OpenVPX liquid-flow-through cooled plug-in modules within
associated sub-racks. While the connector layout remains common with VITA 46,
VITA 48.4 standard modules are cooled by liquid flowing through an integral
heatsink. Circuit boards and electronic components are cooled more effectively
as compared to other more traditional cooling methods such as air or conduction
cooling alone. Quick disconnect coupling assemblies allow fluidic coupling to the
chassis manifold.
Backplane
Designed for data rates up to 10 Gbps, the backplane is
designed to handle 300 Watts per slot. It features eight 6U slots
on a 1.2” pitch. Clockable guide pins are included at each slot
to allow for easier keying (angle rotation) without having to deal
with the removal of the backplane from chassis. From left to right:
■
Two VITA 62-compliant power supply slots
■
Three 6U Payload slots with VITA 67.3c apertures in J3 & J6
■
One Switch slot with VITA 67.3d aperture in J6b
■
Two 6U Payload slots populated with all J1-J6 connectors
LFTATR_Rev1
Features
■
1 ATR tall short
■
Rugged, bolted construction
■
Liquid flow-through (LFT) cooling compliant to VITA 48.4
■
6U OpenVPX backplane with 6-slots on 1.2” pitch supports
300W/slot
■
Configurable front I/O connectors on removable panel
■
On/off power switch with guard and LED status indicators
■
Filtered power input connector
■
Individual card coolant flow rates are adjustable with
selectable openings
■
Supports dual VITA 62 power supplies
■
VITA 46.11 compliant Shelf Manager option
■
Designed to meet MIL-STD-461, MIL-STD-810, MIL-STD-1275
DRAWINGS
DESCRIPTION


Similar Part No. - ATR-PLATFORM

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
ATR-1 PAIRUI-ATR-1 Datasheet
473Kb / 4P
AC-DC Converter
logo
Shanghai Toplite Techno...
ATR-AR38 TOPLITE-ATR-AR38 Datasheet
538Kb / 11P
SPECIFICATIONS FOR TOPLITE COB MODULE
ATR-R27-4W TOPLITE-ATR-R27-4W Datasheet
913Kb / 10P
SPECIFICATIONS FOR TOPLITE COB MODULE
logo
List of Unclassifed Man...
ATR-S0105 ETC1-ATR-S0105 Datasheet
185Kb / 5P
155Mbps Single Mode SFP Transceiver (80km)
ATR-S0203 ETC1-ATR-S0203 Datasheet
186Kb / 5P
1.25Gbps Single Mode SFP Transceiver (20km)
More results

Similar Description - ATR-PLATFORM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS7-4 ETC-FS7-4 Datasheet
38Kb / 2P
Flow Switches - Liquid
logo
TT Electronics.
DS1433 TTELEC-DS1433 Datasheet
326Kb / 2P
Adjustable Liquid Flow Switch
DS1434 TTELEC-DS1434 Datasheet
327Kb / 2P
Paddle Liquid Flow Switch
logo
Renesas Technology Corp
FS1023 RENESAS-FS1023 Datasheet
439Kb / 7P
Liquid Flow Sensor Module
FS1025 RENESAS-FS1025 Datasheet
715Kb / 6P
Liquid Flow Sensor Module
FS1027 RENESAS-FS1027 Datasheet
567Kb / 6P
Liquid Flow Sensor Module
FS1023-DL RENESAS-FS1023-DL Datasheet
481Kb / 12P
Liquid Flow Sensor Module
08/30/2022
FS1027-DL RENESAS-FS1027-DL Datasheet
491Kb / 12P
Liquid Flow Sensor Module
Jul 1, 2021
logo
List of Unclassifed Man...
F61 ETC-F61 Datasheet
153Kb / 1P
Flow Switches for Liquid
logo
Greystone Energy System...
GLFS1 GREYSTONE-GLFS1 Datasheet
129Kb / 1P
LIQUID FLOW SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com