Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR-PLATFORM Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # ATR-PLATFORM
Description  Liquid Flow-Through (LFT) ATR Platform VITA 48.4
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

ATR-PLATFORM Datasheet(HTML) 2 Page - Elma Electronic Ltd

  ATR-PLATFORM Datasheet HTML 1Page - Elma Electronic Ltd ATR-PLATFORM Datasheet HTML 2Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATA SHEET
2/2
www.elma.com
LFTATR_Rev1
ORDER INFORMATION
Please contact sales for complete ordering details.
© Copyright 2020 by Elma Electronic Inc. Subject to technical modifications, all data supplied without liability.
Please contact our sales team for more details.
France: +33 388 56 72 50
Germany: +49 7231 97 34 0
Israel: +972 3 930 50 25
Singapore: +65 6479 8552
Switzerland: +41 44 933 41 11
United Kingdom: +44 1234 838 822
United States: +1 510 656 3400
Liquid Flow-Through (LFT) ATR Platform
VITA 48.4
BACKPLANE DETAILS
• VITA 62.0 Power
• VITA 62.0 Power
• SLT6-PAY-4F1Q1H4U1T1S1S1TU2U2T1H-10.6.3-n
• SLT6-PAY-4F1Q1H4U1T1S1S1TU2U2T1H-10.6.3-n
• SLT6-PAY-4F1Q1H4U1T1S1S1TU2U2T1H-10.6.3-n
• SLT6-SWH-14F16U1U15U1J-10.8.1-n
• SLT6-PAY-4F1Q2U2T-10.2.1
• SLT6-PAY-4F1Q2U2T-10.2.1
The order of the slot profiles, from left to right when looking at
the front of the chassis
The backplane routes two 40GBASE-KR4 fat pipes (FPs) from the switch
slot to each payload slot on the Data Plane, two 10GBASEKR Ultra Thin
Pipes (UTPs) from the switch slot to each payload slot on the Control
Plane, two 40GBASE-KR4 double fat pipes (DFPs) in a ring fashion
between the first 3 payload slots on the Expansion Plane.
The Backplane profile topology is shown below; each Slot profile is
detailed at right.
Operating
Operating
Storage / Transit
Storage / Transit
Temperature:
Temperature:
-40°C to +71°C
-40°C to +71°C
-55°C to +85°C
-55°C to +85°C
Altitude:
Altitude:
60,000ft (18,288m)
60,000ft (18,288m)
Humidity:
Humidity:
0% to 95% non-condensing
0% to 95% non-condensing
5% to 95% non-condensing
5% to 95% non-condensing
Shock:
Shock:
440g @ 11ms
0g @ 11ms
Vibration:
Vibration:
1g
1g²²/Hz (RMS 12g) @ 15 to 2,000Hz
/Hz (RMS 12g) @ 15 to 2,000Hz
Agencies:
Agencies:
Designed to meet MIL-STD-810F, MIL-STD-461E, MIL-STD-901D,
Designed to meet MIL-STD-810F, MIL-STD-461E, MIL-STD-901D, MIL-STD-704 and RTCA DO-160
MIL-STD-704 and RTCA DO-160
Weight:
Weight:
Approx: 12.5lbs
Approx: 12.5lbs
ENVIRONMENTAL
›
6U single board computers compliant with OpenVPX (VITA 65) or aligned to the SOSA Technical Standard.
›
A wide range of storage solutions; secure, rugged, encrypted, NAS, RAID
›
Blade level networking boards (fabric switches)
›
FPGA configurable I/O solutions
›
Ruggedization
RELATED PRODUCTS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com