Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1190RGVR Datasheet(PDF) 2 Page - Texas Instruments

Part # CC1190RGVR
Description  850 – 950 MHz RF Front End
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1190RGVR Datasheet(HTML) 2 Page - Texas Instruments

  CC1190RGVR Datasheet HTML 1Page - Texas Instruments CC1190RGVR Datasheet HTML 2Page - Texas Instruments CC1190RGVR Datasheet HTML 3Page - Texas Instruments CC1190RGVR Datasheet HTML 4Page - Texas Instruments CC1190RGVR Datasheet HTML 5Page - Texas Instruments CC1190RGVR Datasheet HTML 6Page - Texas Instruments CC1190RGVR Datasheet HTML 7Page - Texas Instruments CC1190RGVR Datasheet HTML 8Page - Texas Instruments CC1190RGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
CC1190
SWRS089 A – NOVEMBER 2009 – REVISED FEBRUARY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
DEVICE
TEMPERATURE
PACKAGE(1)
TRANSPORTION MEDIA
CC1190RGVR
Tape and Reel, 2500
-40°C to 85°C
QFN (RVG) 16
CC1190RGVT
Tape and Reel, 250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
Under no circumstances must the absolute maximum ratings be violated. Stress exceeding one or more of the limiting values
may cause permanent damage to the device.
VALUE
UNIT
Supply voltage, VDD
All supply pins must have the same voltage
–0.3 to 3.8
V
Voltage on any digital pin
–0.3 to VDD + 0.3, max 3.8
V
Input RF level
10
dBm
Storage temperature range
–50 to 150
°C
Human-body model, non RF pins
2000
V
Human-body model, RF pins: PA_IN, PA_OUT, TR_SW,
ESD
1500
V
LNA_IN, LNA_OUT
Charged device model
1000
V
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Ambient temperature range
–40
85
°C
Operating supply voltage
2
3.7
V
Operating frequency range
850
950
MHz
ELECTRICAL CHARACTERISTICS
TC = 25°C, VDD = 3 V, fRF = 915 MHz (unless otherwise noted). Measured on CC1190EM reference design including external
matching components optimized for 915 MHz operation.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PIN = -40 dBm, HGM = 1
3
mA
Receive current
PIN = -40 dBm, HGM = 0
26
µA
PIN = 5 dBm, POUT = 26.5 dBm, HGM = 1
302
Transmit current
No input signal, HGM = 1
56
mA
No input signal, HGM = 0
29
Power down current
LNA_EN = PA_EN = 0
50
200
nA
High input level (control pins)
HGM, LNA_EN, PA_EN
1.3
VDD
V
Low input level (control pins)
HGM, LNA_EN, PA_EN
0.3
V
Power down
→ Receive mode, switching
300
ns
time
Power down
→ Transmit mode, switching
600
ns
time
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :CC1190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com