Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1190RGVR Datasheet(PDF) 1 Page - Texas Instruments

Part # CC1190RGVR
Description  850 – 950 MHz RF Front End
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1190RGVR Datasheet(HTML) 1 Page - Texas Instruments

  CC1190RGVR Datasheet HTML 1Page - Texas Instruments CC1190RGVR Datasheet HTML 2Page - Texas Instruments CC1190RGVR Datasheet HTML 3Page - Texas Instruments CC1190RGVR Datasheet HTML 4Page - Texas Instruments CC1190RGVR Datasheet HTML 5Page - Texas Instruments CC1190RGVR Datasheet HTML 6Page - Texas Instruments CC1190RGVR Datasheet HTML 7Page - Texas Instruments CC1190RGVR Datasheet HTML 8Page - Texas Instruments CC1190RGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LNA_OUT
PA_IN
PA_OUT
HGM
BIAS
PA_EN
LNA_EN
PREAMP
EN
EN
LNA
EN
LOGIC
BIAS
LNA_IN
VDD_PA1
VDD_LNA
TR_SW
PA
VDD_PA2
CC1190
www.ti.com
SWRS089 A – NOVEMBER 2009 – REVISED FEBRUARY 2010
850 – 950 MHz RF Front End
Check for Samples: CC1190
1
FEATURES
APPLICATIONS
•
850 - 950 MHz ISM Bands Wireless Systems
•
Seamless Interface to Sub-1 GHz Low Power
RF Devices from Texas Instruments
•
Wireless Sensor Networks
•
Wireless Industrial Systems
•
Up to 27 dBm (0.5 W) Output Power
•
IEEE 802.15.4 Systems
•
6 dB Typical Sensitivity Improvement with
•
Wireless Consumer Systems
CC11xx and CC430
•
Wireless Metering (AMR/AMI) Systems
•
Few External Components
•
Smart Grid Wireless Networks
–
Integrated PA
–
Integrated LNA
DESCRIPTION
–
Integrated Switches
CC1190 is a cost-effective and high-performance RF
–
Integrated Matching Network
Front End for low-power and low-voltage wireless
–
Integrated Inductors
applications at 850 - 950 MHz.
•
Digital Control of LNA and PA Gain by HGM
CC1190 is a range extender for the sub-1 GHz
Pin
low-power
RF
transceivers,
transmitters,
and
•
50-nA in Power Down (LNA_EN = PA_EN = 0)
System-on-Chip devices from Texas Instruments.
•
High Transmit Power Efficiency
CC1190
integrates
a
power
amplifier
(PA),
a
–
PAE = 50% at 26 dBm Output Power
low-noise amplifier (LNA), switches, and RF matching
for
the
design
of
a
high-performance
wireless
•
Low Receive Current Consumption
systems.
–
3 mA for High Gain Mode
CC1190 increases the link budget by providing a
–
26 µA for Low Gain Mode
power amplifier for increased output power, and an
•
2.9 dB LNA Noise Figure, Including Switch and
LNA with low noise figure for improved receiver
External Antenna Match
sensitivity.
•
RoHS Compliant 4-mm × 4-mm QFN-16
CC1190 provides an efficient and easy-to-use range
Package
extender in a compact 4-mm × 4-mm QFN-16
•
2 V to 3.7 V Operation
package.
CC1190 BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CC1190RGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1190RGVR TI-CC1190RGVR Datasheet
472Kb / 15P
850 - 950 MHz RF Front End
CC1190RGVR TI-CC1190RGVR Datasheet
727Kb / 17P
850 ??950 MHz RF Front End
CC1190RGVR TI2-CC1190RGVR Datasheet
1Mb / 20P
850 – 950 MHz RF Front End
REVISED FEBRUARY 2010
CC1190RGVR.B TI2-CC1190RGVR.B Datasheet
1Mb / 20P
850 – 950 MHz RF Front End
REVISED FEBRUARY 2010
CC1190RGVRG4.B TI2-CC1190RGVRG4.B Datasheet
1Mb / 20P
850 – 950 MHz RF Front End
REVISED FEBRUARY 2010
More results

Similar Description - CC1190RGVR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF9010 AD-ADF9010 Datasheet
481Kb / 28P
900 MHz ISM Band Analog RF Front End
REV. 0
logo
Semtech Corporation
SX1223 SEMTECH-SX1223 Datasheet
316Kb / 25P
425 - 475 MHz / 850 - 950 MHz Integrated UHF Transmitter
logo
Texas Instruments
CC1190 TI-CC1190 Datasheet
472Kb / 15P
850 - 950 MHz RF Front End
logo
Micrel Semiconductor
MICRF221 MICREL-MICRF221 Datasheet
1Mb / 26P
3.3V, QwikRadio 850 MHz to 950 MHz Receiver
logo
Texas Instruments
CC1190 TI-CC1190_12 Datasheet
727Kb / 17P
850 ??950 MHz RF Front End
CC1190 TI-CC1190_15 Datasheet
893Kb / 18P
850 ??950 MHz RF Front End
logo
Skyworks Solutions Inc.
SKY65378 SKYWORKS-SKY65378_11 Datasheet
732Kb / 12P
860 to 930 MHz RF Front-End Module
logo
Micrel Semiconductor
MICRF221 MICREL-MICRF221_15 Datasheet
923Kb / 26P
3.3V, QwikRadio짰 850 MHz to 950 MHz Receiver
logo
Skyworks Solutions Inc.
SKY66421-11 SKYWORKS-SKY66421-11 Datasheet
634Kb / 13P
860 to 930 MHz RF Front-End Module
SKY66423-11 SKYWORKS-SKY66423-11 Datasheet
639Kb / 12P
860 to 930 MHz RF Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com