Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT157 Datasheet(PDF) 11 Page - Texas Instruments

Part # CD74ACT157
Description  CD74ACT157 Quadruple 2-Line to 1-Line Data Selector/Multiplexer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT157 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD74ACT157 Datasheet HTML 7Page - Texas Instruments CD74ACT157 Datasheet HTML 8Page - Texas Instruments CD74ACT157 Datasheet HTML 9Page - Texas Instruments CD74ACT157 Datasheet HTML 10Page - Texas Instruments CD74ACT157 Datasheet HTML 11Page - Texas Instruments CD74ACT157 Datasheet HTML 12Page - Texas Instruments CD74ACT157 Datasheet HTML 13Page - Texas Instruments CD74ACT157 Datasheet HTML 14Page - Texas Instruments CD74ACT157 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The CD74ACT157 is a quadruple 2-to-1 data selector/multiplexer. The following application shows an example
of using the device with all required connections to switch a 4-bit data bus between two source devices.
8.2 Typical Application
System
Controller
A/B
G
GND
2:1
Mux
1B
1A
Device 0
Device 1
VCC
0.1…F
4Y
VCC
D0A
D0B
D0C
D0D
D1A
D1B
D1C
D1D
DXA
DXB
2:1
Mux
2:1
Mux
2:1
Mux
2B
2A
3B
3A
4B
4A
3Y
2Y
1Y
DXC
DXD
D0A
D0B
D0C
D0D
D1A
D1B
D1C
D1D
Figure 8-1. Typical Application Block Diagram
www.ti.com
CD74ACT157
SCHS340D – MARCH 2003 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: CD74ACT157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com