Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD2108 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCLVD2108
Description  Dual 1:8 Low Additive Jitter LVDS Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2108 Datasheet(HTML) 2 Page - Texas Instruments

  CDCLVD2108 Datasheet HTML 1Page - Texas Instruments CDCLVD2108 Datasheet HTML 2Page - Texas Instruments CDCLVD2108 Datasheet HTML 3Page - Texas Instruments CDCLVD2108 Datasheet HTML 4Page - Texas Instruments CDCLVD2108 Datasheet HTML 5Page - Texas Instruments CDCLVD2108 Datasheet HTML 6Page - Texas Instruments CDCLVD2108 Datasheet HTML 7Page - Texas Instruments CDCLVD2108 Datasheet HTML 8Page - Texas Instruments CDCLVD2108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Reference
Generator
LVDS
GND
OUTN [0..7]
OUTP [0..7]
200 kW
GND
LVDS
OUTN [8..15]
OUTP [8..15]
VAC_REF0
VAC_REF1
INP0
INN0
INP1
INN1
EN
VCC
VCC
VCC
VCC
VCC
VCC
VCC
200 kW
7mm x 7mm
48 pin QFN (RGZ)
Thermal Pad (GND)
2
3
4
5
6
7
1
13
14
15
16
28
27
26
25
17
18
19
31
30
29
43
42
41
40
39
38
37
VCC
OUTP11
OUTN12
OUTP12
OUTN11
OUTN0
OUTP0
OUTP15
OUTN13
OUTP13
8
9
10
OUTN1
OUTP1
OUTN2
OUTP2
OUTN3
OUTP3
20
21
22
34
33
32
VCC
OUTN14
OUTP14
46
45
44
11
12
36
35
VCC
OUTN15
48
47
OUTN4
VCC
23
24
OUTP4
CDCLVD2108
SCAS905C – OCTOBER 2010 – REVISED DECEMBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Figure 2. CDCLVD2108 Block Diagram
TOP VIEW
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CDCLVD2108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com