Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD2108 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCLVD2108
Description  Dual 1:8 Low Additive Jitter LVDS Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2108 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCLVD2108 Datasheet HTML 9Page - Texas Instruments CDCLVD2108 Datasheet HTML 10Page - Texas Instruments CDCLVD2108 Datasheet HTML 11Page - Texas Instruments CDCLVD2108 Datasheet HTML 12Page - Texas Instruments CDCLVD2108 Datasheet HTML 13Page - Texas Instruments CDCLVD2108 Datasheet HTML 14Page - Texas Instruments CDCLVD2108 Datasheet HTML 15Page - Texas Instruments CDCLVD2108 Datasheet HTML 16Page - Texas Instruments CDCLVD2108 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
V
IH +
V
IL
2
V
th =
CDCLVD2108
Z = 50 W
LVCMOS
(2.5V)
RS
CDCLVD2108
www.ti.com
SCAS905C – OCTOBER 2010 – REVISED DECEMBER 2010
Figure 18. 2.5V LVCMOS Clock Driver Connected to CDCLVD2108 Input
If one of the input buffers is used, the other buffer should be disabled through the EN pin, and unused input pins
should be grounded by 1 k
Ω resistors.
REVISION HISTORY
Changes from Original (October 2010) to Revision A
Page
•
Feature - Low Within Bank Output Skew of 45 ps (Max) To: Low Within Bank Output Skew of 50 ps (Max) ..................... 1
•
Changed tSK, O_WB Within bank output skew From: 45 ps (Max) To: 50 ps (Max) ................................................................ 5
•
Changed tSK, O_WB Bank-to-bank output skew From: 100 ps (Max) To: 80 ps (Max) ............................................................ 5
•
Deleted the Recommended PCB Layout illustration .......................................................................................................... 10
Changes from Revision A (November 2010) to Revision B
Page
•
Changed the ICC100, Supply current Typ value From: 97 To: 119 mA .................................................................................. 5
•
Changed the ICC800, Supply current Typ value From: 138 To: 168 mA ................................................................................ 5
Changes from Revision B (December 2010) to Revision C
Page
•
Changed the device status From: Product Preview To: Production ..................................................................................... 1
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CDCLVD2108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com