Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87381P Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD87381P
Description  CSD87381P Synchronous Buck NexFET™ Power Block II
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87381P Datasheet(HTML) 2 Page - Texas Instruments

  CSD87381P Datasheet HTML 1Page - Texas Instruments CSD87381P Datasheet HTML 2Page - Texas Instruments CSD87381P Datasheet HTML 3Page - Texas Instruments CSD87381P Datasheet HTML 4Page - Texas Instruments CSD87381P Datasheet HTML 5Page - Texas Instruments CSD87381P Datasheet HTML 6Page - Texas Instruments CSD87381P Datasheet HTML 7Page - Texas Instruments CSD87381P Datasheet HTML 8Page - Texas Instruments CSD87381P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
CSD87381P
SLPS405F – MARCH 2013 – REVISED MARCH 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
7
Layout ................................................................... 14
7.1
Layout Guidelines ................................................... 14
2
Applications ........................................................... 1
7.2
Layout Example ...................................................... 14
3
Description ............................................................. 1
8
Device and Documentation Support.................. 15
4
Revision History..................................................... 2
8.1
Trademarks ............................................................. 15
5
Specifications......................................................... 3
8.2
Electrostatic Discharge Caution .............................. 15
5.1
Absolute Maximum Ratings ...................................... 3
8.3
Glossary .................................................................. 15
5.2
Recommended Operating Conditions ....................... 3
9
Mechanical, Packaging, and Orderable
5.3
Power Block Performance ........................................ 3
Information ........................................................... 16
5.4
Thermal Information .................................................. 4
9.1
CSD87381P Package Dimensions ......................... 16
5.5
Electrical Characteristics........................................... 4
9.2
Land Pattern Recommendation .............................. 17
5.6
Typical Power Block Characteristics......................... 5
9.3
Stencil Recommendation (100 µm)......................... 18
5.7
Typical Power Block MOSFET Characteristics......... 7
9.4
Stencil Recommendation (125 µm)......................... 18
6
Application and Implementation ........................ 10
9.5
Pin Drawing............................................................. 19
6.1
Application Information............................................ 10
9.6
CSD87381P Embossed Carrier Tape Dimensions . 19
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (June 2014) to Revision F
Page
•
Changed capacitance units to read pF in Figure 15 ............................................................................................................. 8
•
Changed capacitance units to read pF in Figure 16 ............................................................................................................. 8
Changes from Revision D (May 2014) to Revision E
Page
•
Changed "Pb Free terminal plating" feature to state "Pb Free" ............................................................................................ 1
Changes from Revision C (January 2014) to Revision D
Page
•
Updated data sheet to reflect new standards......................................................................................................................... 1
•
Corrected device dimensions ................................................................................................................................................ 1
Changes from Revision B (May 2013) to Revision C
Page
•
Updated title............................................................................................................................................................................ 1
•
Added small reel info .............................................................................................................................................................. 1
•
Added unit to test condition in Electrical Characteristics........................................................................................................ 4
•
Added a link for Figure 29 in Electrical Performance ........................................................................................................... 14
Changes from Revision A (March 2013) to Revision B
Page
•
Changed RθJC-PCB To: RθJC in the Thermal Information table.................................................................................................. 4
•
Changed Figure 15 ................................................................................................................................................................. 7
Changes from Original (March 2013) to Revision A
Page
•
Changes to a Product Preview device .................................................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com