Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87381P Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD87381P
Description  CSD87381P Synchronous Buck NexFET™ Power Block II
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87381P Datasheet(HTML) 4 Page - Texas Instruments

  CSD87381P Datasheet HTML 1Page - Texas Instruments CSD87381P Datasheet HTML 2Page - Texas Instruments CSD87381P Datasheet HTML 3Page - Texas Instruments CSD87381P Datasheet HTML 4Page - Texas Instruments CSD87381P Datasheet HTML 5Page - Texas Instruments CSD87381P Datasheet HTML 6Page - Texas Instruments CSD87381P Datasheet HTML 7Page - Texas Instruments CSD87381P Datasheet HTML 8Page - Texas Instruments CSD87381P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CSD87381P
SLPS405F – MARCH 2013 – REVISED MARCH 2015
www.ti.com
5.4 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
Junction-to-ambient thermal resistance (min Cu) (1)
184
RθJA
Junction-to-ambient thermal resistance (max Cu) (2)(1)
84
°C/W
Junction-to-case thermal resistance (top of package) (1)
4.9
RθJC
Junction-to-case thermal resistance (PGND pin)
(1)
1.65
(1)
RθJC is determined with the device mounted on a 1 inch
2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu pad on a 1.5 inches × 1.5 inches
(3.81 cm × 3.81 cm), 0.06 inch (1.52 mm) thick FR4 board. RθJC is specified by design while RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1 inch2 (6.45 cm2) Cu.
5.5 Electrical Characteristics
TA = 25°C (unless otherwise stated)
Q1 Control FET
Q2 Sync FET
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
STATIC CHARACTERISTICS
Drain-to-Source Voltage
VGS = 0 V, IDS = 250
30
30
V
BVDSS
μA
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 24
IDSS
1
1
μA
V
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 10
IGSS
100
100
nA
V
Gate-to-Source Threshold
VDS = VGS, IDS = 250
VGS(th)
1.1
1.9
1
1.7
V
Voltage
μA
VGS = 4.5 V, IDS = 8 A
15.7
18.9
7
8.4
RDS(on)
Drain-to-Source On-Resistance
m
Ω
VGS = 8 V, IDS = 8 A
13.6
16.3
6.3
7.6
gƒs
Transconductance
VDS = 10 V, IDS = 8 A
40
89
S
DYNAMIC CHARACTERISTICS
CISS
Input Capacitance (1)
434
564
1020
1320
pF
VGS = 0 V, VDS = 15
COSS
Output Capacitance (1)
V,
225
293
308
400
pF
ƒ = 1 MHz
CRSS
Reverse Transfer Capacitance (1)
9.1
11.8
40
52
pF
RG
Series Gate Resistance (1)
5
6.4
1.25
2.5
Ω
Qg
Gate Charge Total (4.5 V) (1)
3.9
5
8.9
11.5
nC
Qgd
Gate Charge – Gate-to-Drain
0.9
2.5
nC
VDS = 15 V,
IDS = 8 A
Qgs
Gate Charge – Gate-to-Source
1.2
2
nC
Qg(th)
Gate Charge at Vth
0.7
1.3
nC
Output Charge
VDD = 12 V, VGS = 0
4.9
8.5
nC
QOSS
V
td(on)
Turn On Delay Time
6.7
7.9
ns
VDS = 15 V, VGS = 4.5
tr
Rise Time
19.3
16.3
ns
V,
td(off)
Turn Off Delay Time
10.6
16.8
ns
IDS = 8 A, RG = 2 Ω
tƒ
Fall Time
3
2.9
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
IDS = 8 A, VGS = 0 V
0.85
0.79
V
Qrr
Reverse Recovery Charge
8
16
nC
Vdd = 15 V, IF = 8 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
13
17
ns
(1)
Specified by design
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com