Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR-R Datasheet(PDF) 1 Page - Mersen

Part # TR-R
Description  Time Delay/Class RK5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

TR-R Datasheet(HTML) 1 Page - Mersen

  TR-R Datasheet HTML 1Page - Mersen TR-R Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EP.MERSEN.COM
PF 12
P
F
© 2020 Mersen. All rights reserved. Mersen reserves the right to change, update,
or correct, without notice, any information contained in this datasheet.
TR-R & TRS-R
Time Delay/Class RK5
UL/CSA LISTED POWER FUSES
THE INDUSTRY’S MOST POPULAR FUSE
FOR MOTOR CIRCUIT PROTECTION
With advanced material technology added to the existing product, the
Tri-Onic® TR and TRS current-limiting time-delay fuses are engineered
for overcurrent protection of motors and transformers, service
entrance equipment, feeder and branch circuits. Tri-Onic fuse’s proven
time-delay characteristic safely handles harmless starting currents and
inrush currents associated with today’s motors and transformers. Now
available with optional SmartSpot® blown fuse indication technology.
FEATURES/BENEFIT S:
•
Time-delay
•
Current-limiting
•
AC & DC rated
•
Optional solid state SmartSpot blown fuse indicator
•
Time-delay for motor start-ups and transformer inrush currents
without nuisance opening
•
Current-limiting for low peak let-thru current
•
Rejection-style design prevents replacement errors (when used
with recommended fuse blocks)
•
Easy-to-read label for quick brand recognition and replacement
•
Metal-embossed date and catalog number for traceability and
lasting identification
•
Fiberglass body provides dimensional stability in harsh industrial
settings
•
High-grade silica filler ensures fast arc quenching and high current
limitation
RATINGS:
TR-R
•
Volts: 250VAC;
250VDC (.1-2.8A; 35-400A);
160VDC (3-30A; 450-600A)
•
Amps: 1/10 to 600A
•
IR: 200kA I.R. AC /
20kA I.R. DC
TRS-R
•
Volts: 600VAC;
600VDC (.1-12A; 70-600A);
300VDC (15-60A)
•
Amps: 1/10 to 600A
•
IR: 200kA I.R. AC
1/10-60A: 20kA I.R. DC
70-600A: 100kA I.R. DC
APPLIC ATIONS:
•
Motor circuits
•
Mains
•
Feeders
•
Branch circuits
•
Transformers
•
Service entrance equipment
•
General-purpose equipment
APPRO VALS:
•
UL listed to standard 248-12
File E2137
•
CSA certified to standard
C22.2 no. 248.12
•
DC listed to UL standard
248 TRS only


Similar Part No. - TR-R

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TR-031501-SF0 TRANSKO-TR-031501-SF0 Datasheet
320Kb / 2P
Remote Control, 1-Port SAW Resonator
Revision 0: February 2013
TR-043304-S40 TRANSKO-TR-043304-S40 Datasheet
392Kb / 3P
Remote Control, 1-Port SAW Resonator
Revision 0: March 2014
TR-062201-S30 TRANSKO-TR-062201-S30 Datasheet
379Kb / 3P
Remote Control, 1-Port SAW Resonator
Revision 0: December 2012
TR-062202-S26 TRANSKO-TR-062202-S26 Datasheet
343Kb / 3P
Remote Control, 1-Port SAW Resonator
Revision 0: December 2012
logo
Richco, Inc.
TR-1 RICHCO-TR-1 Datasheet
184Kb / 1P
TR/TRM Series
More results

Similar Description - TR-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ECSR40 COOPER-ECSR40 Datasheet
289Kb / 2P
Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
logo
List of Unclassifed Man...
ECNR60 ETC2-ECNR60 Datasheet
254Kb / 2P
Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 600 Volt
FRS-R-9 COOPER-FRS-R-9 Datasheet
83Kb / 2P
Class RK5, Dual-element, Time Delay
FRN-R-70 COOPER-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
FRN-R-1 COOPER-FRN-R-1 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
List of Unclassifed Man...
FRN-R-70 ETC2-FRN-R-70 Datasheet
577Kb / 4P
FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R-70 EATON-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com