Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9911P Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9911P
Description  Car alternator multifunction smart voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9911P Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9911P Datasheet HTML 7Page - STMicroelectronics L9911P Datasheet HTML 8Page - STMicroelectronics L9911P Datasheet HTML 9Page - STMicroelectronics L9911P Datasheet HTML 10Page - STMicroelectronics L9911P Datasheet HTML 11Page - STMicroelectronics L9911P Datasheet HTML 12Page - STMicroelectronics L9911P Datasheet HTML 13Page - STMicroelectronics L9911P Datasheet HTML 14Page - STMicroelectronics L9911P Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DocID10990 Rev 13
11/20
L9911
Electrical specification
19
Considering the overall WW application scenario, there is a direct correspondence between
Typical configurations A/B and regulation curve Vreg-1, and between typical configuration C
and regulation curves Vreg-2 and Vreg-3. This is allowing the summary of all possible
customization for L9911 in the table below.
Figure 2. Vreg-1
Table 8. Correspondence of frequency (typical values) to application features
Alternator revolution speed (rpm)
6 pole pairs
8 pole pairs
Typical configuration A
(Config-A)
Initiate regulation
1200
EN-1
EN-3
LRC Cut
3000
DISAB-1
DISAB-3
Typical configuration B
(Config-B)
Initiate Regulation
1450
EN-2
EN-4
LRC Cut
3000
DISAB-1
DISAB-3
Typical configuration
C (Config-C)
Initiate Regulation
1450
EN-2
EN-4
LRC Cut
3500
DISAB-2
EN-4
Table 9. Customization of L9911: combination of LRC, regulation, and application options
LRC
timing
options
Vreg-1/Config-A
Vreg-1/Config-B
Vreg-2/Config-B
Vreg-2/Config-A
Vreg-4/Config-A
6 Pole
Pairs
8 Pole
Pairs
6 Pole
Pairs
8 Pole
Pairs
6 Pole
Pairs
8 Pole
Pairs
6 Pole
Pairs
8 Pole
Pairs
6 Pole
Pairs
8 Pole
Pairs
LRC-A
L9911P
nya
nya
nya
nya
nya
nya
nya
L9911K
nya
LRC-B
nya
nya
L9911F
nya
L9911I
nya
nya
nya
nya
nya
LRC-C
nya
nya
nya
nya
nya
nya
L9911V
nya
nya
nya
LRC-D
nya
nya
nya
nya
nya
nya
nya
nya
nya
nya
LRC-E
L9911U
nya
nya
nya
nya
nya
nya
nya
nya
nya



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com