Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9911P Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9911P
Description  Car alternator multifunction smart voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9911P Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9911P Datasheet HTML 12Page - STMicroelectronics L9911P Datasheet HTML 13Page - STMicroelectronics L9911P Datasheet HTML 14Page - STMicroelectronics L9911P Datasheet HTML 15Page - STMicroelectronics L9911P Datasheet HTML 16Page - STMicroelectronics L9911P Datasheet HTML 17Page - STMicroelectronics L9911P Datasheet HTML 18Page - STMicroelectronics L9911P Datasheet HTML 19Page - STMicroelectronics L9911P Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Electrical specification
L9911
16/20
DocID10990 Rev 13
Note:
The diagnostic result is disabled during the Soft-start delay time t_ST 0...3 and the soft-start
/ soft attack timing t_SL 0...3
Figure 14. DF monitor electrical configuration
Figure 15. Short circuit drivers' protection
Field driver, DFMon driver and Relay driver are protected in switching mode (not linear),
with a retry time less than 25 ms.
Lamp driver is protected in linear mode, with a retry time of 1 s.
Table 10. Fault detection
Root cause
Signal
Effect
Test detect
Alternator belt breaking
P
Alternator disexcitation
VP<VPHH1 & VB+<Vreg
Brushes open
P
Alternator disexcitation
VP<VPHH1 & VB+<Vreg
Field driver open
P
Alternator disexcitation
VP<VPHH1 & VB+<Vreg
Field interruption
P
Alternator disexcitation
VP<VPHH1 & VB+<Vreg
Field short circuit to the battery
F+
Overvoltage
VF+>VS1 & VB+ > Vov-d
Field short circuit to the ground
P
Alternator disexcitation
VP<VPHH1 & VB+<Vreg
Battery discharge
B+
Undervoltage
VB+<Vuv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com