Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB125ASPTR-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VB125ASPTR-E
Description  High voltage ignition coil driver power integrated circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB125ASPTR-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VB125ASPTR-E Datasheet HTML 4Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 5Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 6Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 7Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 8Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 9Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 10Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 11Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical specifications
VB125ASPTR-E
8/17
Doc ID 018829 Rev 1
2.3
Electrical characteristics
VCC = 6 to 24 V; -40 °C < Tj <125 °C; Rcoil = 400 to 700 mΩ; Lcoil = 2 to 6 mH unless
otherwise specified(a).
a.
Only functionality is guaranteed with 6 V < VCC < 10 V and VCC > 24 V and not parameter values.
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ Max Unit
Vcl
High voltage clamp
IC =7A
(1)
340
370
400
V
IC = 2 A; Switching off from 7 A
300
400
V
Vcg(sat) Power stage saturation voltage
IC =6A; VCC =14V; VIN =4 V
2
V
IC =7A; VCC =14V;
VIN =4 V
(2)
3V
ICC(off)
Power-off supply current
VIN =0.4 V; VCC =14 V
20
mA
VIN =0.4 V; VCC =24 V
(3) (4)
80
mA
ICC(on)
Power-on supply current
VIN =4 V; VCC <14V; IC = 4 A
200
mA
VIN =4 V; VCC =24V;
IC =4A
(3) (4)
300
mA
Icl
Collector current limit
VIN =4 V; 10 V< VCC <19 V
(5)
(6)
8.8
11.1
A
VINH
High level input voltage
4
V
VINL
Low level input voltage
0.8
V
VIN(hyst) Hysteresis input voltage
0.4
V
IINH
High level input current
VIN = 4 V
10
150
µA
IINL
Low level input current
VIN =0.8 V
0
30
µA
VdiagH
High level diagnostic output
voltage
REXT = 22 KΩ; CEXT = 1 nF
(7)
3.5
5.5
V
VdiagL
Low level diagnostic output
voltage
REXT = 22 KΩ; CEXT = 1 nF(7)
0.5
V
IC(diag)
Threshold level collector
current (6)(8) see Figure 7
Tj = -40 °C; 10 V < VCC < 19 V
5.45
6.8
A
Tj =25°C; 10 V<VCC < 19 V
5.55
6.35
A
Tj = 125 °C; 10 V < VCC <19V
5.5
6.35
A
Tj = -40 °C; VCC = 7V
5.9
6.6
A
Tj =25°C; VCC =7V
5.7
6.3
A
Tj = 125 °C; VCC =7V
5.5
6.3
A
Idiag
High level flag output current
IC > IC(diag)
(6)
0.5
mA
Idiag(leak) Leakage current on flag output VIN = low
10
µA
Vf
Diode forward voltage
If =10A
3.5
V
Es/b
Single pulse avalanche energy
300
mJ
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com