Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB125ASPTR-E Datasheet(PDF) 14 Page - STMicroelectronics

Part # VB125ASPTR-E
Description  High voltage ignition coil driver power integrated circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB125ASPTR-E Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VB125ASPTR-E Datasheet HTML 9Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 10Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 11Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 12Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 13Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 14Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 15Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 16Page - STMicroelectronics VB125ASPTR-E Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package and packing information
VB125ASPTR-E
14/17
Doc ID 018829 Rev 1
Table 6.
PowerSO-10 mechanical data
Dim.
mm.
inch
Min.
Typ
Max.
Min.
Typ.
Max.
A
3.35
3.65
0.132
0.144
A(1)
1.
Muar only POA P013P.
3.4
3.6
0.134
0.142
A1
0.00
0.10
0.000
0.004
B
0.40
0.60
0.016
0.024
B(1)
0.37
0.53
0.014
0.021
C
0.35
0.55
0.013
0.022
C(1)
0.23
0.32
0.009
0.0126
D
9.40
9.60
0.370
0.378
D1
7.40
7.60
0.291
0.300
E
9.30
9.50
0.366
0.374
E2
7.20
7.60
0.283
0.299
E2(1)
7.30
7.50
0.287
0.295
E4
5.90
6.10
0.232
0.240
E4(1)
5.90
6.30
0.232
0.248
e
1.27
0.050
F
1.25
1.35
0.049
0.053
F(1)
1.20
1.40
0.047
0.055
H
13.80
14.40
0.543
0.567
H(1)
13.85
14.35
0.545
0.565
h
0.50
0.002
L
1.20
1.80
0.047
0.070
L(1)
0.80
1.10
0.031
0.043
α
0°
8°
0°
8°
α(1)
2°
8°
2°
8°
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com