Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA302 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MA302
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ & UVW Incremental Outputs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA302 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MA302 Datasheet HTML 17Page - Monolithic Power Systems MA302 Datasheet HTML 18Page - Monolithic Power Systems MA302 Datasheet HTML 19Page - Monolithic Power Systems MA302 Datasheet HTML 20Page - Monolithic Power Systems MA302 Datasheet HTML 21Page - Monolithic Power Systems MA302 Datasheet HTML 22Page - Monolithic Power Systems MA302 Datasheet HTML 23Page - Monolithic Power Systems MA302 Datasheet HTML 24Page - Monolithic Power Systems MA302 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
MA302 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MA302 Rev. 1.1
www.MonolithicPower.com
21
2/7/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Figure 19: Relation between the Error Measured
with BCT = 0 and the Magnet Ratio k
Sensor Orientation
The dot marked on the package shows whether
the radial field is aligned with the sensor
coordinate X or Y (see Figure 20).
Figure 20: Package Top View with X and Y Axes
Determine which axis needs to be reduced (see
the qualitative field distribution around a ring in
Figure 16). For instance, with the arrangement
depicted in Figure 20, the field along the sensor
Y direction is tangential and weaker. Therefore,
the X-axis should be reduced (ETX = 1 and ETY
= 0). Note that if both ETX and ETY are set to 1,
the current bias is reduced in both directions the
same way (i.e.: without side-shaft correction).
Table 12: Trimming Direction Parameters
ETX
Enable Trimming of the X-Axis
0
Disabled
1
Enabled
ETY
Enable Trimming of the Y-Axis
0
Disabled
1
Enabled
Magnetic Field Thresholds
The magnetic flags (MGL and MGH) indicate
that the magnetic field at the sensor position is
out of range, defined by the lower and upper
magnetic field thresholds, respectively MGLT
and MGHT (see Figure 21).
Figure 21: MGH and MGL Signals as a Function
of the Field Strength
MagHys, the typical hysteresis on the signals
MGH and MGL, is 6mT (see Figure 24). The
MGLT and MGHT thresholds are coded on three
bits and stored in register 6 (see Table 13).
Table 13: Register 6
Register 6
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MGLT
MGHT
-
-
The 3-bit values of MGLT and MGHT correspond
to the magnetic field (see Table 14).
Table 14: MGLT and MGHT Binary to mT Relation
MGLT or
MGHT (8)
Field threshold in mT (7)
From low to high
magnetic. field
From high to low
magnetic. field
000
26
20
001
41
35
010
56
50
011
70
64
100
84
78
101
98
92
110
112
106
111
126
120
NOTES:
7)
Valid for VDD = 3.3V. If different, then the field threshold is
scaled by the factor VDD/3.3V.
8)
MGLT can have a larger value than MGHT.
The alarm flags MGL and MGH can be read in
register 27 (bit 6 and bit 7), and their logic state
is also given at the digital output pins 11 and 16.
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
35
40
E (deg)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com