Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA302 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MA302
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ & UVW Incremental Outputs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA302 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MA302 Datasheet HTML 9Page - Monolithic Power Systems MA302 Datasheet HTML 10Page - Monolithic Power Systems MA302 Datasheet HTML 11Page - Monolithic Power Systems MA302 Datasheet HTML 12Page - Monolithic Power Systems MA302 Datasheet HTML 13Page - Monolithic Power Systems MA302 Datasheet HTML 14Page - Monolithic Power Systems MA302 Datasheet HTML 15Page - Monolithic Power Systems MA302 Datasheet HTML 16Page - Monolithic Power Systems MA302 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
MA302 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MA302 Rev. 1.1
www.MonolithicPower.com
13
2/7/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
SPI Communication
The sensor
supports three types
of
SPI
operation:
 Read angle
 Read configuration register
 Write configuration register
Each operation has a specific frame structure
described below.
SPI Read Angle
Every 1µs, new data is transferred into the output
buffer. The master device triggers the reading by
pulling CS low.
When a trigger event is detected, the data
remains in the output buffer until the CS signal is
de-asserted (see Table 4).
Table 4: Sensor Data Timing
Event
Action
CS falling edge
Start reading and freeze
output buffer
CS rising edge
Release of the output buffer
See Figure 9 for a diagram of a full SPI angle
reading. See Figure 10 for a diagram of a partial
SPI angle reading. A full angle reading requires
16 clock pulses. The sensor MISO line returns:
MSB
LSB
MISO
Angle(15:0)
MOSI
0
The MagAlpha family has sensors with different
features and levels of resolution. Check the data
output length in the General Characteristics table
on page 5 for the number of useful bits delivered
at the serial output. If the data length is smaller
than 16, the rest of bits sent are zeros.
For example, a data output length of 12 bits
means that the serial output delivers a 12-bit
angle value with four bits of zeros padded at the
end (MISO state remains zero). If the master
sends 16 clock counts, the MagApha replies
with:
MSB
LSB
MISO
Angle(15:4)
0 0 0 0
MOSI
0
Angle reading can be therefore optimized
without any loss of information by reducing the
number of clock counts. In the case of a 12-bit
data output length, only 12 clock counts are
required to get the full sensor resolution.
MSB
LSB
MISO
Angle(15:4)
MOSI
0
If less resolution is needed, the angle can be
read by sending even fewer clock counts (since
MSB is first).
In case of fast reading, the MagAlpha keeps
sending the same data until the data is refreshed
(see
the
refresh
rate
in
the
General
Characteristics table).
Figure 9: Diagram of a Full 16-Bit SPI Angle
Reading
Figure 10: Diagram of a Partial 8-Bit SPI Angle
Reading
SPI Read Register
A read register operation is constituted of two 16-
bit frames. The first frame sends a read request
which contains the 3-bit read command (010)
followed by the 5-bit register address. The last
eight bits of the frame must be all set to zero. The
second frame returns the 8-bit register value
(MSB byte).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com